전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2904V 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 LM2904V
상세설명  Single Supply Dual Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2904V 데이터시트(HTML) 5 Page - ON Semiconductor

  LM2904V Datasheet HTML 1Page - ON Semiconductor LM2904V Datasheet HTML 2Page - ON Semiconductor LM2904V Datasheet HTML 3Page - ON Semiconductor LM2904V Datasheet HTML 4Page - ON Semiconductor LM2904V Datasheet HTML 5Page - ON Semiconductor LM2904V Datasheet HTML 6Page - ON Semiconductor LM2904V Datasheet HTML 7Page - ON Semiconductor LM2904V Datasheet HTML 8Page - ON Semiconductor LM2904V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LM358, LM258, LM2904, LM2904A, LM2904V, NCV2904
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = Gnd, TA = 25°C, unless otherwise noted.)
LM2904
LM2904A
LM2904V, NCV2904
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VCC = 5.0 V to 30 V, VIC = 0 V to VCC −1.7 V,
VO ] 1.4 V, RS = 0 W
VIO
mV
TA = 25°C
2.0
7.0
2.0
7.0
7.0
TA = Thigh (Note 8)
10
10
13
TA = Tlow (Note 8)
10
10
10
Average Temperature Coefficient of Input Offset
Voltage
DVIO/DT
7.0
7.0
7.0
mV/°C
TA = Thigh to Tlow (Note 8)
Input Offset Current
IIO
5.0
50
5.0
50
5.0
50
nA
TA = Thigh to Tlow (Note 8)
45
200
45
200
45
200
Input Bias Current
IIB
−45
−250
−45
−100
−45
−250
TA = Thigh to Tlow (Note 8)
−50
−500
−50
−250
−50
−500
Average Temperature Coefficient of Input Offset
Current
DIIO/DT
10
10
10
pA/
°C
TA = Thigh to Tlow (Note 8)
Input Common Mode Voltage Range (Note 9),
VCC = 30 V
VICR
0
24.3
0
24.3
0
24.3
V
VCC = 30 V, TA = Thigh to Tlow
0
24
0
24
0
24
Differential Input Voltage Range
VIDR
VCC
VCC
VCC
V
Large Signal Open Loop Voltage Gain
AVOL
V/mV
RL = 2.0 kW, VCC = 15 V, For Large VO Swing,
25
100
25
100
25
100
TA = Thigh to Tlow (Note 8)
15
15
15
Channel Separation
CS
−120
−120
−120
dB
1.0 kHz
≤ f ≤ 20 kHz, Input Referenced
Common Mode Rejection
CMR
50
70
50
70
50
70
dB
RS ≤ 10 kW
Power Supply Rejection
PSR
50
100
50
100
50
100
dB
Output Voltage−High Limit
TA = Thigh to Tlow (Note 8)
VOH
V
VCC = 5.0 V, RL = 2.0 kW, TA = 25°C
3.3
3.5
3.3
3.5
3.3
3.5
VCC = 30 V, RL = 2.0 kW
22
22
22
VCC = 30 V, RL = 10 kW
23
24
23
24
23
24
Output Voltage−Low Limit
VOL
5.0
20
5.0
20
5.0
20
mV
VCC = 5.0 V, RL = 10 kW,
TA = Thigh to Tlow (Note 8)
Output Source Current
IO +
20
40
20
40
20
40
mA
VID = +1.0 V, VCC = 15 V
Output Sink Current
IO −
VID = −1.0 V, VCC = 15 V
10
20
10
20
10
20
mA
VID = −1.0 V, VO = 200 mV
mA
Output Short Circuit to Ground (Note 10)
ISC
40
60
40
60
40
60
mA
Power Supply Current (Total Device)
TA = Thigh to Tlow (Note 8)
ICC
mA
VCC = 30 V, VO = 0 V, RL = ∞
1.5
3.0
1.5
3.0
1.5
3.0
VCC = 5 V, VO = 0 V, RL = ∞
0.7
1.2
0.7
1.2
0.7
1.2
8. LM258: Tlow = −25°C, Thigh = +85°C
LM358: Tlow = 0°C, Thigh = +70°C
LM2904/LM2904A: Tlow = −40°C, Thigh = +105°C
LM2904V & NCV2904: Tlow = −40°C, Thigh = +125°C
NCV2904 is qualified for automotive use.
9. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common mode voltage range is VCC − 1.7 V.
10. Short circuits from the output to VCC can cause excessive heating and eventual destruction. Destructive dissipation can result from
simultaneous shorts on all amplifiers.


유사한 부품 번호 - LM2904V

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2904V TI-LM2904V Datasheet
452Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904V TI1-LM2904V Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM2904V TI-LM2904V Datasheet
459Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904V TI-LM2904V Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
logo
ON Semiconductor
LM2904V ONSEMI-LM2904V Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
More results

유사한 설명 - LM2904V

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com