전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DBA500G 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 DBA500G
상세설명  Diffused Junction Silicon Diode 50A Single-Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBA500G 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  DBA500G Datasheet HTML 1Page - Sanyo Semicon Device DBA500G Datasheet HTML 2Page - Sanyo Semicon Device DBA500G Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DBA500G
No. A0699-3/3
PS
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
This catalog provides information as of June, 2007. Specifications and information herein are subject
to change without notice.


유사한 부품 번호 - DBA500G

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G Datasheet
101Kb / 3P
   50A Single-Phase Bridge Rectifier
DBA500G SANYO-DBA500G_10 Datasheet
101Kb / 3P
   50A Single-Phase Bridge Rectifier
More results

유사한 설명 - DBA500G

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
DBG250G SANYO-DBG250G Datasheet
36Kb / 3P
   Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier
DBD250 SANYO-DBD250 Datasheet
47Kb / 3P
   Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier
DBG150G SANYO-DBG150G Datasheet
36Kb / 3P
   Diffused Junction Silicon Diode 15A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
MP50S NELLSEMI-MP50S Datasheet
268Kb / 3P
   Single-Phase Bridge Rectifier, 50A
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G_10 Datasheet
101Kb / 3P
   50A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
KBJ50 NELLSEMI-KBJ50 Datasheet
1Mb / 3P
   Single-Phase Bridge Rectifier, 50A
logo
TAITRON Components Inco...
MB5005 TAITRON-MB5005 Datasheet
144Kb / 4P
   50A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
KBPC50 NELLSEMI-KBPC50 Datasheet
313Kb / 3P
   Single-Phase Bridge Rectifier, 50A
logo
Toshiba Semiconductor
CRG09A TOSHIBA-CRG09A Datasheet
307Kb / 7P
   Rectifier Diode Silicon Diffused Junction
CRG10A TOSHIBA-CRG10A Datasheet
300Kb / 7P
   Rectifier Diode Silicon Diffused Junction
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com