전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UZZ9001 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 UZZ9001
상세설명  Sensor Conditioning Electronic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UZZ9001 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button UZZ9001 Datasheet HTML 4Page - NXP Semiconductors UZZ9001 Datasheet HTML 5Page - NXP Semiconductors UZZ9001 Datasheet HTML 6Page - NXP Semiconductors UZZ9001 Datasheet HTML 7Page - NXP Semiconductors UZZ9001 Datasheet HTML 8Page - NXP Semiconductors UZZ9001 Datasheet HTML 9Page - NXP Semiconductors UZZ9001 Datasheet HTML 10Page - NXP Semiconductors UZZ9001 Datasheet HTML 11Page - NXP Semiconductors UZZ9001 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2000 Nov 27
8
Philips Semiconductors
Product specification
Sensor Conditioning Electronic
UZZ9001
Magnet lost condition
If both offset corrected input signal of sensor 1 and
sensor 2 are below the lost magnet threshold then the
failure ‘Magnet lost’ is assumed.
Offset trimming
To achieve a linear output characteristic, it is necessary to
shift the offsets of the two input signals to the input stage
of the UZZ9001. For this reason a sensor offset
cancellation procedure has been implemented in the
UZZ9001 which is started by sending a special serial data
protocol to the UZZ9001. This trimming procedure is
required for both input signals.
Trim interface
The UZZ9001 trim mode serial interface consists of the
two terminals SMODE (pin 10) and DATA_CLK (pin 9).
The structure of this protocol is shown in Figure 5.
All signal levels of DATA_CLK and SMODE must lie within
the ranges set out in Table 3. The protocol starts with
a falling edge at the SMODE, which must occur at a high
DATA_CLK level. The following five bits are used to code
the message sent to the UZZ9001. They are transferred
via the SMODE and are sampled with the rising edge of
the DATA_CLK. During the fifth high level output of
DATA_CLK (counted from the start condition onwards),
a rising edge must appear at the SMODE and the
DATA_CLK follows this with one more change to low level
in order to successfully complete the protocol.
Table 3
Definition of the trim interface signals
PARAMETER
MIN.
MAX.
UNIT
low level of DATA_CLK, SMODE
0
5
%VDD
high level of DATA_CLK, SMODE
95
100
%VDD
rise and fall time of DATA_CLK and SMODE signal edges
(10 to 90% VDD) and (90 to 10% VDD)
8
ns
DATA_CLK frequency
0.1
1
MHz
handbook, full pagewidth
MHB702
DATA_CLK
(input at pin 9)
SMODE
(input at pin 10)
TOUT
(output at pin 22)
1
2345
stop
condition
statusbit #
start
condition
T1
T0
Fig.5 Protocol used to set UZZ9001 into trim mode.


유사한 부품 번호 - UZZ9001

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UZZ9000 PHILIPS-UZZ9000 Datasheet
56Kb / 8P
   Sensor Conditioning Electronics
1998 May 18
More results

유사한 설명 - UZZ9001

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UZZ9000 PHILIPS-UZZ9000 Datasheet
56Kb / 8P
   Sensor Conditioning Electronics
1998 May 18
logo
Texas Instruments
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
TPIC83000-Q1 TI-TPIC83000-Q1 Datasheet
330Kb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
logo
EPCOS
B57500M0103A005 EPCOS-B57500M0103A005 Datasheet
61Kb / 3P
   Air sensor for air conditioning
logo
STMicroelectronics
AN4451 STMICROELECTRONICS-AN4451 Datasheet
355Kb / 15P
   Signal conditioning for a UV sensor
logo
EPCOS
B57500K0103A001 EPCOS-B57500K0103A001 Datasheet
62Kb / 3P
   Evaporator sensor for air conditioning systems
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com