전자부품 데이터시트 검색엔진 |
|
CS8420-DSZ 데이터시트(PDF) 6 Page - Cirrus Logic |
|
CS8420-DSZ 데이터시트(HTML) 6 Page - Cirrus Logic |
6 / 94 page 6 DS245F4 CS8420 1. CHARACTERISTICS AND SPECIFICATIONS All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical performance characteristics and specifications are derived from measurements taken at nominal supply voltages and TA = 25°C. SPECIFIED OPERATING CONDITIONS AGND, DGND = 0 V, all voltages with respect to 0 V. ABSOLUTE MAXIMUM RATINGS AGND, DGND = 0 V; all voltages with respect to 0 V. Operation beyond these limits may result in permanent dam- age to the device. Normal operation is not guaranteed at these extremes. Notes: 1. Transient currents of up to 100 mA will not cause SCR latch-up. Parameter Symbol Min Typ Max Units Power Supply Voltage VD+, VA+ 4.75 5.0 5.25 V Ambient Operating Temperature: Commercial Grade Automotive Grade TA -10 -40 - - +70 +85 °C °C Parameter Symbol Min Max Units Power Supply Voltage VD+, VA+ - 6.0 V Input Current, Any Pin Except Supplies, RXP/RXN (Note 1) Iin -±10 mA Input Voltage Vin -0.3 (VD+) + 0.3 V Ambient Operating Temperature (power applied) TA -55 125 °C Storage Temperature Tstg -65 150 °C |
유사한 부품 번호 - CS8420-DSZ |
|
유사한 설명 - CS8420-DSZ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |