전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6220M 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LA6220M
상세설명  Monolithic Linear IC Rail-to-Rail Dual Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6220M 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LA6220M Datasheet HTML 1Page - Sanyo Semicon Device LA6220M Datasheet HTML 2Page - Sanyo Semicon Device LA6220M Datasheet HTML 3Page - Sanyo Semicon Device LA6220M Datasheet HTML 4Page - Sanyo Semicon Device LA6220M Datasheet HTML 5Page - Sanyo Semicon Device LA6220M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
91207 MS 20070831-S00009 No.A0936-1/6
LA6220M
Overview
The LA6220M dual operational amplifier is optimal for both consumer and industrial applications, including all types of
transducer amplifier and DC amplifier circuit. It supports from ground to VCC (rail to rail) as the voltage range for both
inputs and outputs . It is optimal for the amplification of signals from all types of sensors.
Functions
• Does not require phase compensation
• Supports from ground to VCC (rail to rail) as the voltage range for both inputs and outputs
• Low current dissipation : ICC = 1.2mA typ/VCC = +5V, RL = ∞
Specifications
Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
18
V
Differential input voltage
VID
±1V
Maximum input voltage
VIN max
-0.3 to +18
V
Allowable power dissipation
Pd max
Ta
≤ 25°C Mounted on specified board. *
0.8
W
Operating temperature
Topr
-30 to +75
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified board size : 114.3
×76.1×1.6mm3, glass epoxy.
Recommended Operating Conditions
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2 to 17
V
Monolithic Linear IC
Rail-to-Rail
Dual Operational Amplifier
Ordering number : ENA0936


유사한 부품 번호 - LA6220M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6220PM SANYO-LA6220PM Datasheet
138Kb / 6P
   Monolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier
More results

유사한 설명 - LA6220M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6220PM SANYO-LA6220PM Datasheet
138Kb / 6P
   Monolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
logo
Micrel Semiconductor
MIC864 MICREL-MIC864_12 Datasheet
442Kb / 9P
   Dual 350kHz Rail-to-Rail Operational Amplifier
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
   Rail-to-rail CMOS dual operational amplifier
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Micrel Semiconductor
MIC864 MICREL-MIC864_14 Datasheet
534Kb / 11P
   Dual 350kHz Rail-to-Rail Operational Amplifier
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com