전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GST1210 데이터시트(PDF) 2 Page - Willow Technologies Ltd

부품명 GST1210
상세설명  High Value Resistors radial leaded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WILLOW [Willow Technologies Ltd]
홈페이지  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

GST1210 데이터시트(HTML) 2 Page - Willow Technologies Ltd

  GST1210 Datasheet HTML 1Page - Willow Technologies Ltd GST1210 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Value Resistors radial leaded
Type: GST
Size: 1210, 25, 2512, 4020
Technical data – depending on size:
Size
1210
25
2512
4020
Power Rating P70(W)
(P125 = 0W)
0.5
0.7
1.0
2.0
Working Voltage U_, Ueff (V)
trimmed
untrimmed (Tol. > 5%)
300
1000
300
500
1200
2500
4000
6000
Ranges/Tolerances/TCR1)/VCR2)
1M – 100M
0.5/1/2/5/10%
TC 25/50/100
<50 ppm/V
2/5/10%
TC 50/100
<50 ppm/V
0.5/…/10%
TC 25/50/100
<10 ppm/V
0.25/…/10%
TC 25/50/100
<5 ppm/V
>100M – 500M
2/5/10/20%
TC 50/100/250
<100 ppm/V
5/10/20%
TC 100/250
<100 ppm/V
1/2/5/10/20%
TC 25/50/100
<25 ppm/V
0.5/1/2/5/10/20%
TC 25/50/100
<10 ppm/V
>100M – 1G
5/10/20%
TC 100/250
<100 ppm/V
5/10/20%
TC 100/250
<100 ppm/V
1/2/5/10/20%
TC 100/250
<25 ppm/V
1/2/5/10/20%
TC 25/50/100
<10 ppm/V
>1G – 10G
5/10/20/30%
TC 250/500
<500 ppm/V
10/20/30%
TC 250/500
<500 ppm/V
2/5/10/20%
TC 100/250
<100 ppm/V
2/5/10/20%
TC 50/100
<25 ppm/V
>10G – 100G
5/10/20/30%
TC 500/1000
<1000 ppm/V
10/20/30%
TC 500/1000
<1000 ppm/V
5/10/20/30%
TC 250/500
<250 ppm/V
5/10/20/30%
TC 100/250
<100 ppm/V
>100G – 1T
10/20/30/50
TC 500/1000
<500 ppm/V
5/10/20/30%
TC 250/500
<250 ppm/V
1) TC25/50: Temperature range +25°C...+85°C
2) VCR measured between 10V and 100V
Closer values of tolerances, TCR and VCR or other dimensions on request and agreement.
Technical data – general:
Temperature range
-55°C ... +125°C
Climatic category acc. to IEC 60068
55/125/56
Long term stability
1G
10G
>10G
Storage 125°C/1000h
<1%
<2%
<5%
Max voltage/1000h
<0.5%
<1%
<2%
Issue 09/04
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom
Tel . + 44 (0) 1342 835234 Fax. + 44 (0) 1342 834306 E-Mail. sales@willow.co.uk Web. www.willow.co.uk


유사한 부품 번호 - GST1210

제조업체부품명데이터시트상세설명
logo
Riedon Powertron
GST1210 RIEDON-GST1210 Datasheet
274Kb / 2P
   High Resistance / Thick Film Leaded Resistors
GST1210 RIEDON-GST1210 Datasheet
171Kb / 2P
   High Resistance / Thick Film Leaded Resistors
GST1210 RIEDON-GST1210_13 Datasheet
171Kb / 2P
   High Resistance / Thick Film Leaded Resistors
More results

유사한 설명 - GST1210

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
LPX CDE-LPX Datasheet
242Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX_18 Datasheet
371Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
logo
KOA Speer Electronics, ...
LF14CTTA1000D KOA-LF14CTTA1000D Datasheet
234Kb / 2P
   radial metal film leaded resistors
logo
American Accurate Compo...
RHAL100GFP AAC-RHAL100GFP Datasheet
100Kb / 1P
   Ultra High Value Resistors
logo
Tyco Electronics
RH73 MACOM-RH73 Datasheet
82Kb / 2P
   SMD High Value Resistors
logo
RHOPOINT COMPONENTS
CHS0402 RHOPOINT-CHS0402 Datasheet
47Kb / 2P
   High-Value Chip Resistors
logo
Vishay Siliconix
UXA0204 VISHAY-UXA0204 Datasheet
154Kb / 9P
   High Precision Leaded Resistors
Revision: 21-Aug-07
logo
Cornell Dubilier Electr...
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
logo
Welwyn Components Limit...
3810 WELWYN-3810 Datasheet
395Kb / 2P
   Ultra-High Value Precision Resistors
logo
TT Electronics.
3810 TTELEC-3810_17 Datasheet
725Kb / 2P
   Ultra-High Value Precision Resistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com