전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA7209V 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LA7209V
상세설명  Monolithic Linear IC ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7209V 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LA7209V Datasheet HTML 5Page - Sanyo Semicon Device LA7209V Datasheet HTML 6Page - Sanyo Semicon Device LA7209V Datasheet HTML 7Page - Sanyo Semicon Device LA7209V Datasheet HTML 8Page - Sanyo Semicon Device LA7209V Datasheet HTML 9Page - Sanyo Semicon Device LA7209V Datasheet HTML 10Page - Sanyo Semicon Device LA7209V Datasheet HTML 11Page - Sanyo Semicon Device LA7209V Datasheet HTML 12Page - Sanyo Semicon Device LA7209V Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LA7209V
No.A0641-9/14
ASK Modulation Driver Amplifier Signal Flow
Read Amplifier Signal Flow
SW4
SW6
22
22
2
4
11
7
19
17
5
6
Rd
Rb
Ra
High : Always on
Low : Linked to pin 7
Data high : On
Data low : Off
21
24
3
2nd
LPF
HPF
fc=30kHz
fc=30kHz
4.7k
Ω
4.7k
Ω
Adjustable
amplifier
Fixed
amplifier
fc=2.5MHz
30dB
100k
Ω : Maximum gain
ASK modulation output (-)
Instruction data
Pin 5 voltage
ASK modulation output (+)
Carrier (+):13.56MHz
Carrier (-):13.56MHz
4.7k
Ω : Minimum gain
Antenna
10~30dB
fc=2.5MHz
2nd
LPF
HPF
4.0V
4.0V
2V
3.3V
H
VCC
VCC
VCC
L
18


유사한 부품 번호 - LA7209V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7205 SANYO-LA7205 Datasheet
126Kb / 1P
   VTR TAPE END DETECTOR
LA7205M SANYO-LA7205M Datasheet
126Kb / 1P
   VTR TAPE END DETECTOR
LA7205M SANYO-LA7205M Datasheet
14Kb / 1P
   AGC AMP, INPUT SELECT, AGC DET, COMPARATOR
More results

유사한 설명 - LA7209V

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
   ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
logo
Sanyo Semicon Device
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA72910V SANYO-LA72910V Datasheet
164Kb / 10P
   Monolithic Linear IC FM Modulator and Demodulator IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
LA72914V SANYO-LA72914V Datasheet
296Kb / 9P
   Monolithic Linear IC FM Modulator and Demodulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com