전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA7358M 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LA7358M
상세설명  Monolithic Linear IC For VCR SECAM Chroma Signal Processor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7358M 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LA7358M Datasheet HTML 5Page - Sanyo Semicon Device LA7358M Datasheet HTML 6Page - Sanyo Semicon Device LA7358M Datasheet HTML 7Page - Sanyo Semicon Device LA7358M Datasheet HTML 8Page - Sanyo Semicon Device LA7358M Datasheet HTML 9Page - Sanyo Semicon Device LA7358M Datasheet HTML 10Page - Sanyo Semicon Device LA7358M Datasheet HTML 11Page - Sanyo Semicon Device LA7358M Datasheet HTML 12Page - Sanyo Semicon Device LA7358M Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LA7358M
No.A0247-9/17
Continued from preceding page.
Pin No.
Pin name
Function
DC voltage
Signal wave form
Equivalent circuit
7
D-GND
0V
8
A-GND
0V
A terminal for
connecting filter of
current Amp.
Operate in PB mode
2.5V
A terminal for
connecting filter of
voltage Amp.
Operate in REC
mode
2.5V
9
BELL1
Operate during
automatic adjusting
BELL-filter
(a part of V period).
2.5V
10
VREF1
Occur voltage in PB
mode and BELL-filter
automatic adjusting
mode.
2.5V
DC
11
IREF1
Setting reference
current
(Adjusting gain of
BELL-filter output)
2.3V
DC
12
REC-OUT
REC : 2.5V
PB : OPEN
Continued on next page.


유사한 부품 번호 - LA7358M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7356 SANYO-LA7356 Datasheet
139Kb / 6P
   For Use in VCR Products PAL/SECAM (MESECAM) Discrimination IC
LA7356M SANYO-LA7356M Datasheet
139Kb / 6P
   For Use in VCR Products PAL/SECAM (MESECAM) Discrimination IC
LA7357 SANYO-LA7357 Datasheet
105Kb / 6P
   PAL/SECAM Discrimination Circuit for VHS VCRs
More results

유사한 설명 - LA7358M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA70100M SANYO-LA70100M_07 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M_06 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M Datasheet
612Kb / 16P
   SECAM CHROMA- SIGNAL PROCESSOR IC FOR VCR
logo
Mitsubishi Electric Sem...
M52026SP MITSUBISHI-M52026SP Datasheet
870Kb / 13P
   SECAM CHROMA SIGNAL PROCESSOR
M51404AFP MITSUBISHI-M51404AFP Datasheet
289Kb / 10P
   SECAM SYSTEM CHROMA SIGNAL PROCESSOR
logo
Rohm
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7337 SANYO-LA7337 Datasheet
123Kb / 7P
   SECAM-Format VCR Chroma Signal-Processing Circuit
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
   VCR VHS Chroma Signal Processor
logo
Panasonic Semiconductor
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com