부품명
         상세내용
LA42031

 Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier ( 7 Page)


SANYO
100% 
Zoom Out Zoom In
   
 6 page
background image
LA42031
No.A0394-6/7
0.01
0.1
2
3
5
7
0.1
2
3
5
7
2
3
5
7
1.5
0.1
23
5
7
2
3
5
7
110
THD – PO
VCC = 9V
RL = 8Ω
Rg = 600
Ω
1kHz
10kHz
100Hz
0
2
4
6
8
10
12
10
12
14
68
416
PO – VCC
Rg = 600
Ω
f = 1kHz
THD = 10%
0.01
0.1
2
3
5
7
0.1
2
3
5
7
2
3
5
7
1.5
10k
23
5 7
23
5 7
23
5 7
2 3
5 7
1k
100
10
100k
THD – f
VCC = 9V
RL = 8Ω
Rg = 600
Ω
PO = 1W
0
10
20
30
40
50
60
04
6
2
8
10
12
14
16
ICCO – VCC
RL = open
Rg = 0
Ω
Response – f
– 10
– 8
– 6
– 4
– 2
0
2
10
23
5 7
23
5 7
23
5 7
23
5 7
100
1k
10k
100k
VCC = 14V
RL = 8Ω
Rg = 600
Ω
VO = 0dBm
0.1
0.2
0.3
23
5 7
23
5 7
23
5 7
1k
10k
VNO – Rg
0
0.4
100
100k
VCC = 9V
RL = 8Ω
DIN AUDIO
– 100
0
0.5
0.7
0.9
1.1
1.3
1.5
1.7
– 80
– 60
– 40
– 20
Mute Pin – ATT
VCC = 9V
RL = 8Ω
DIN AUDIO
0
48
612
10
14
16
– 70
– 60
– 50
– 40
– 30
– 20
– 10
SVRR – VCC
RL = 8Ω
Rg = 0
fr = 100Hz
VR = 0dBm
CVCC = 0.1μF
Supply voltage, VCC –V
Output power, PO –W
Frequency, f – Hz
Resistance for signal generation, Rg –
Ω
Supply voltage, VCC –V
Frequency, f – Hz
Supply voltage, VCC –V
Mute contorol voltage, Vmute – V
1  2  3  4  5  6  7 



관련 부품명

부품명상세내용Html View제조사
LA4917HMonolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs 1 2 3 4 5 MoreSanyo Semicon Device
LA4919NMonolithic Linear IC Two-Channel 10W BTL High-Efficiency TV Audio Output Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA4227Audio Output for Radio Cassette Recorders 3W × 2ch Power Amplifier 1 2 3 4 Sanyo Semicon Device
UPC8181TB3 V SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS 1 2 3 4 5 MoreCalifornia Eastern Labs
LA6588MMonolithic Linear IC 24V power supply BTL output linear drive Single-phase Fan Motor IC 1 2 3 4 5 Sanyo Semicon Device
LA5647HMonolithic Linear IC For Car AV Equipment Multifunction Multi-Voltage Power Supply 1 2 3 4 5 MoreSanyo Semicon Device
TPA2013D12.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER 1 2 3 4 5 MoreTexas Instruments
LA5797MMonolithic Linear IC For Variable Capacitance Diodes Charge Pump Step-up Power Supply 1 2 3 4 Sanyo Semicon Device
LA7209VMonolithic Linear IC ISO/IEC-14443 proximity RF amplifier for contact-less IC card and tag 1 2 3 4 5 MoreSanyo Semicon Device
NTE1288Integrated Circuit Audio Power Amplifier 10W for Car Radio 1 2 NTE Electronics

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl