전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA42105 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LA42105
상세설명  Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42105 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LA42105 Datasheet HTML 1Page - Sanyo Semicon Device LA42105 Datasheet HTML 2Page - Sanyo Semicon Device LA42105 Datasheet HTML 3Page - Sanyo Semicon Device LA42105 Datasheet HTML 4Page - Sanyo Semicon Device LA42105 Datasheet HTML 5Page - Sanyo Semicon Device LA42105 Datasheet HTML 6Page - Sanyo Semicon Device LA42105 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA42105
No.A0741-2/7
Electrical Characteristics at Ta
= 25°C, VCC = 9.5V, RL = 8Ω, f = 1kHz, Rg = 600Ω
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Standby current
Ist
Amplifier OFF
0
10
μA
Quiescent current
ICCO
Rg = 0, RL = OPEN
25
50
100
mA
Output power
PO
THD = 10%
4
5
W
Total harmonic distortion
THD
PO = 1W
0.06
0.2
%
Voltage gain
VG
VO = 0dBm
30
32
34
dB
Output noise voltage
VNO
Rg = 0, BPF = 20Hz to 20kHz
0.2
0.4
mVrms
Ripple rejection ratio
SVRR
Rg = 0, fR = 100Hz, VCCR = 0dBm
40
50
dB
Mute attenuation value
ATT
VO = 1Vrms, BPF = 20Hz to 20kHz
80
90
dB
Mute ON *1
1.5
3.0
V
Mute control voltage (pin 7)
Vmute
Mute OFF
0
0.5
V
Amplifier ON *1
2.5
VCC
V
Standby control voltage (pin 6)
Vst
Amplifier OFF
0
0.5
V
Input resistance
Ri
21
30
39
k
Ω
*1 : Note that the standby pin (pin 6) and MUTE pin (pin 7) incorporate the anti-electrostatic diode allowing the current to flow through the diode when the
potential of VCC (pin 9) decreases below that of pin 6 or 7.
Package Dimensions
unit : mm (typ)
3336
0
20.0
30.0
10.0
5.6
16.7
40.0
– 20
80
100
120
40
60
20
0140
Ambient temperature, Ta – °C
Pd max – Ta
Aluminum heat sink mounting conditions
Tightening torque : 39N.cm
silicone grease applied
θjc = 2.5°C/W
Infinitely large heat sink
5
°C/W heat sink
10
°C/W heat sink
20
°C/W heat sink
SANYO : HZIP15
21.6
(20.0)
HEAT SPREADER
(11.0)
(R1.75)
3.0
0.7
2.54 2.54
1.27
(1.91)
115
0.4


유사한 부품 번호 - LA42105

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA42101 SANYO-LA42101 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 10W 횞 1ch Power Amplifier
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
More results

유사한 설명 - LA42105

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA42101 SANYO-LA42101 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 10W 횞 1ch Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42032 SANYO-LA42032 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42152 SANYO-LA42152 Datasheet
192Kb / 5P
   Monolithic Linear IC Audio Output for TV application 15W 횞 2ch Power Amplifier
LA4917H SANYO-LA4917H Datasheet
96Kb / 8P
   Monolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
   Audio Output for TV application 5W Monaural Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com