전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA42210 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LA42210
상세설명  Monolithic Linear IC Audio Output for TV application BTL 10W2ch Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42210 데이터시트(HTML) 6 Page - Sanyo Semicon Device

  LA42210 Datasheet HTML 1Page - Sanyo Semicon Device LA42210 Datasheet HTML 2Page - Sanyo Semicon Device LA42210 Datasheet HTML 3Page - Sanyo Semicon Device LA42210 Datasheet HTML 4Page - Sanyo Semicon Device LA42210 Datasheet HTML 5Page - Sanyo Semicon Device LA42210 Datasheet HTML 6Page - Sanyo Semicon Device LA42210 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LA42210
No.A0660-6/7
0
20
100
40
60
80
120
140
0
2
4
6
8
10
20
12
14
16
18
610
12
814
16
18
11
12
13
14
15
16
17
910
20
8
18
ICCO – VCC
PO – VCC
RL = open
Rg = 0
Ω
THD = 10%
RL = 8Ω
Rg = 600
Ω
f = 1kHz
0.01
0.1
2
3
5
7
1
2
3
5
7
2
3
5
7
10
0.01
0.1
2
3
5
7
1
2
3
5
7
2
3
5
7
10
0.1
23
5
7
23
5
7
1
23
5
7 10
23
5
7
23
5
7
23
5
7
10
1
100
0.1
100
THD – PO (ch1)
THD – PO (ch2)
VCC = 13V
RL = 8Ω
Rg = 600
Ω
VCC = 13V
RL = 8Ω
Rg = 600
Ω
1kHz
10kHz
10kHz
100Hz
100Hz
1kHz
2
3
5
7
1
0.1
2
3
5
7
2
3
5
7
THD – f
0.01
10
10
23
5 7
23
5 7
23
5 7
23
5 7
100
1k
10k
23
5 7
23
5 7
23
5 7
1k
10k
100k
Response – f
– 3.5
– 3
– 2.5
– 2
– 1.5
– 1
– 0.5
0.5
0
100
100k
VCC = 13V
RL = 8Ω
Rg = 600
Ω
VO = 0dBm (f = 1kHz)
VCC = 13V
RL = 8Ω
Rg = 600
Ω
PO = 1W
ch2
ch1
0
0.5
0
10
23
5 7 100 23 5 7 1k
23
5 7
23
5 7
10k
23
5 7 100 23 5 7 1k
2 3
57
2 3
57
10k
100k
10
100k
0.1
0.2
0.3
0.4
– 70
– 60
– 50
– 40
– 30
– 20
– 10
CHSep. – f
VNO – Rg
VCC = 13V
RL = 8Ω
Rg = 600
Ω
VO = 0dBm
VCC = 13V
RL = 8Ω
B.P.F = 20Hz to 20kHz
ch2
ch1
ch1
→ch2
ch2
→ch1
Supply voltage, VCC –V
Output power, PO –W
Frequency, f – Hz
Frequency, f – Hz
Supply voltage, VCC –V
Output power, PO –W
Supply voltage, VCC –V
Resistance for signal generation, Rg –
Ω


유사한 부품 번호 - LA42210

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4220 SANYO-LA4220 Datasheet
211Kb / 5P
   3.5W AF POWER AMP
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
   Audio Output for TV application 5W Monaural Power Amplifier
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
More results

유사한 설명 - LA42210

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42032 SANYO-LA42032 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42152 SANYO-LA42152 Datasheet
192Kb / 5P
   Monolithic Linear IC Audio Output for TV application 15W 횞 2ch Power Amplifier
LA42101 SANYO-LA42101 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 10W 횞 1ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA4919N SANYO-LA4919N Datasheet
79Kb / 6P
   Monolithic Linear IC Two-Channel 10W BTL High-Efficiency TV Audio Output Power Amplifier
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
logo
Toshiba Semiconductor
TA8231LQ TOSHIBA-TA8231LQ_06 Datasheet
879Kb / 12P
   42W BTL 횞 2CH Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com