전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA42071 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LA42071
상세설명  Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42071 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LA42071 Datasheet HTML 1Page - Sanyo Semicon Device LA42071 Datasheet HTML 2Page - Sanyo Semicon Device LA42071 Datasheet HTML 3Page - Sanyo Semicon Device LA42071 Datasheet HTML 4Page - Sanyo Semicon Device LA42071 Datasheet HTML 5Page - Sanyo Semicon Device LA42071 Datasheet HTML 6Page - Sanyo Semicon Device LA42071 Datasheet HTML 7Page - Sanyo Semicon Device LA42071 Datasheet HTML 8Page - Sanyo Semicon Device LA42071 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LA42352
No.A0078-4/9
Pin Descriptions
Pin Voltage
Pin No
Symbol
VCC = 18V
Equivalent Circuit
Description
1
RF
17.6
• Ripple filter reference
2
4
IN1
IN2
4.4
• Input pin
3
PRE_GND
0
• Pre GND pin
5
STB
0 to 5V
(Input voltage)
• Standby pin
• The standby function is on when this
pin at ground level
6
13
Vol 2
Vol 1
0 to 5V
(Input voltage)
• Control Volume
7
VCC
18
• Power supply
Continued on next page.


유사한 부품 번호 - LA42071

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA42071 SANYO-LA42071 Datasheet
96Kb / 6P
   Audio Output for TV Application 5W횞1ch Power Ampilfier
LA42071 SANYO-LA42071 Datasheet
96Kb / 6P
   Audio Output for TV Application 5W횞1ch Power Ampilfier
More results

유사한 설명 - LA42071

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Sanyo Semicon Device
LA4814JA SANYO-LA4814JA Datasheet
555Kb / 16P
   Monolithic Linear IC 2-Channel Power Amplifier
LA4814V SANYO-LA4814V Datasheet
582Kb / 17P
   Monolithic Linear IC 2-Channel Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com