전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA76835NM 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LA76835NM
상세설명  Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA76835NM 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button LA76835NM_07 Datasheet HTML 2Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 3Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 4Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 5Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 6Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 7Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 8Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 9Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
LA76835NM
No.7962-6/50
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
1
YG1
YGAMMA = 01
89.0
93.0
97.0
%
2
YG2
YGAMMA = 10
79.0
83.0
87.0
%
Y gamma
effective point
3
YG3
YGAMMA = 11
75.0
79.0
83.0
%
GRAY MODE LEVEL
GRAY
GRAY, MODE = 1, CROSS.B/W = 2
11.5
15.0
18.0
IRE
Horizontal/vertical blanking
output level
RGBBLK
0.1
0.4
0.7
V
Deflection block
Horizontal free-running
frequency
fH
15576
15734
15891
Hz
Horizontal pull-in range
fH PULL
±400
Hz
Horizontal output pulse width
Hduty
36.1
37.6
39.1
µs
Horizontal output pulse
saturation voltage
V Hsat
0
0.2
0.4
V
Horizontal AFC control current M
HAFCM
AFCGAIN: 0
130
180
230
µA
Horizontal AFC control current H
HAFCH
AFCGAIN: 1
190
240
290
µA
Horizontal AFC control current L
HAFCL
AFCGAIN: 0
50
90
130
µA
Horizontal output pulse phase
HPHCEN
9.5
10.5
11.5
µs
Horizontal position
adjustment range
HPHrange
5bit
±2.2
µs
Horizontal position adjustment
maximum variability width
HPHstep
200.0
ns
Horizontal 2nd pull-in range
(min)
HPMIN
0.5
1.0
3.0
µs
Horizontal 2nd pull-in range
(max)
HPMAX
15.2
16.0
17.0
µs
Vertical free-running frequency
VFR60
59.4
60.0
60.6
Hz
Vertical pull-in range
fV PULL
54.0
60.0
69.0
Hz
Horizontal output stop voltage
Hstop
3.30
3.60
3.90
V
left @0
BLKL0
BLKL: 0000
8200
9000
9800
ns
left @15
BLKL15
BLKL: 1111
15200
16000
16800
ns
right @0
BLKR0
BLKR: 0000
2700
3500
4200
ns
Horizontal
blanking
right @15
BLKR15
BLKR: 1111
-1100
-300
500
ns
H
SANDH
5.3
5.6
5.9
V
M1
SANDM1
3.7
4.0
4.3
V
Sand castle
pulse crest
value
L
SANDL
0.1
0.4
0.7
V
Width
BGPWD
3.5
4.0
4.5
µs
Burst gate
pulse
Phase
BGPPH
4.9
5.4
5.9
µs
X-ray protection circuit
operating voltage
VXRAY
0.64
0.69
0.74
V
Vertical screen size compensation
NTSC@64
Vsnt64
VSIZE: 1000000
0.75
0.85
0.95
Vp-p
NTSC @0
Vsnt0
VSIZE: 0000000
0.40
0.50
0.60
Vp-p
Vertical ramp
output ampli-
tude
NTSC@127
Vsnt127
VSIZE: 1111111
1.05
1.20
1.35
Vp-p
Vertical size 0.75
VSEZE75
VSIZE0.75: 1
0.70
0.80
0.90
ratio
High-voltage dependent vertical size correction
Vertical size correction @0
Vsizecomp
VCOMP: 000
0.83
0.93
0.97
ratio
Vertical screen position adjustment/linearity adjustment/S-shaped correction adjustment
NTSC@32
Vdcnt32
VDC: 100000
2.25
2.40
2.55
Vdc
NTSC@0
Vdcpal0
VDC: 000000
1.85
2.00
2.15
Vdc
Vertical ramp
DC voltage
NTSC@63
Vdcpal63
VDC: 111111
2.65
2.80
2.95
Vdc
Continued on next page.


유사한 부품 번호 - LA76835NM_07

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
More results

유사한 설명 - LA76835NM_07

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LV76213A2F SANYO-LV76213A2F Datasheet
586Kb / 45P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV76213A2C SANYO-LV76213A2C Datasheet
572Kb / 44P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766106F SANYO-LV766106F Datasheet
548Kb / 41P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766116F SANYO-LV766116F Datasheet
565Kb / 43P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766106C SANYO-LV766106C Datasheet
546Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766116C SANYO-LV766116C Datasheet
552Kb / 42P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV76223A3F SANYO-LV76223A3F Datasheet
603Kb / 47P
   For PAL/NTSC/SECAM Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LA76810A SANYO-LA76810A Datasheet
429Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/Deflection 1chip IC
logo
Mitsubishi Electric Sem...
M52778SP MITSUBISHI-M52778SP Datasheet
310Kb / 37P
   VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
logo
Renesas Technology Corp
M52778SP RENESAS-M52778SP Datasheet
14Mb / 38P
   VIF,SIF,VIDEO,CHROMA,DEFLECTION FOR PAL/NTSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com