전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA76850 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LA76850
상세설명  Monolithic Linear IC Black & White Television IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA76850 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LA76850 Datasheet HTML 1Page - Sanyo Semicon Device LA76850 Datasheet HTML 2Page - Sanyo Semicon Device LA76850 Datasheet HTML 3Page - Sanyo Semicon Device LA76850 Datasheet HTML 4Page - Sanyo Semicon Device LA76850 Datasheet HTML 5Page - Sanyo Semicon Device LA76850 Datasheet HTML 6Page - Sanyo Semicon Device LA76850 Datasheet HTML 7Page - Sanyo Semicon Device LA76850 Datasheet HTML 8Page - Sanyo Semicon Device LA76850 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
LA76850
No.A0017-2/31
Electrical Characteristics Ta = 25
°C, VCCL = V8 = V27 = 5.0V, ICC = I16 = 9mA, ICC = I20 = 27mA
Parameter
Symbol
Conditions
min
typ
max
unit
[Circuit voltage, current]
IF supply current
I8
V8 = 5V, V3 = 2.5V
67
mA
RGB supply voltage
V16
I16 = 9mA
8.0
V
Horizontal supply voltage
V20
I25 = 27mA
5.0
V
Video supply current
I27
I27 = 5V
65
mA
[VIF block]
Maximum RFAGC voltage
VRFH
CW = 80dB
µ, DAC = 0
8.5
9
Vdc
Minimum RFAGC voltage
VRFL
CW = 80dB
µ, DAC = 63
0
0.3
0.7
Vdc
RF AGC Delay Pt (@DAC = 0)
RFAGC0
DAC = 0
90
dB
µ
RF AGC Delay Pt
(@DAC = 63)
RFAGC63
DAC = 63
80
dB
µ
Input sensitivity
Vi
Output-3dB
46
dB
µ
No-signal video output voltage
VOn
No signal
3.4
3.7
4.0
Vdc
Sync signal tip level
VOtip
CW = 80dB
µ
1.1
1.4
1.7
Vdc
Video output amplitude
VO
80dB
µ, AM = 78%, fm = 15kHz
1.57
2.05
2.52
Vp-p
Video S/N
S/N
CW = 80dB
µ
40
45
dB
C-S beat level
IC-S
V4.43MHz/V1.07MHz
35
dB
Differential gain
DG
80dB
µ, 87.5% Video MOD
5.0
10.0
%
Differential phase
DP
80dB
µ, 87.5% Video MOD
1.0
10.0
deg
Maximum AFT output voltage
VAFTH
CW = 80dB
µ, frequency variations
4.3
4.7
5
Vdc
Minimum AFT output voltage
VAFTL
CW = 80dB
µ, frequency variations
0.0
0.3
0.7
Vdc
AFT detection sensitivity
VAFTS
CW = 80dB
µ, frequency variations
8.0
15.0
22.0
mV/kHz
APC pull-in range (U)
fPU
1.5
MHz
APC pull-in range (L)
fPL
1.5
MHz
NT Trap1 (4.5MHz)
NTR1
-30
dB
NT Trap1 (4.8MHz)
NTR2
-20
dB
BG Trap1 (5.5MHz)
BTR1
-30
dB
BG Trap2 (5.85MHz)
BTR2
-20
dB
I Trap1 (6.0MHz)
ITR1
-30
dB
I Trap1(6.55MHz)
ITR2
-17
dB
DK Trap1(6.5MHz)
DTR1
-30
dB
[SIF block]
FM detection output voltage
SOADJ
FM =
±30kHz
245
310
390
mVrms
FM limiting sensitivity
SLS
Output -3dB
53
dB
µ
FM detection output
f characteristics
SF
fm = 100kHz
-0.5
5.0
8.0
dB
FM detection output distortion
STHD
FM =
±30kHz
1.0
%
AM rejection ratio
SAMR
AM = 30%
40
dB
SIF S/N
SSN
DIN.Andio
51.5
dB
PAL de-emph time constant
SPTC
2.4
3.0
3.6
dB
PAL/NT Difference of voltage
gain
SGD
-1.5
0.0
+1.5
dB
NT de-emph time constant
SNTC
1.9
2.5
3.1
dB
Continued on next page.


유사한 부품 번호 - LA76850

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7685J SANYO-LA7685J Datasheet
271Kb / 10P
   PAL/NTSC Single-chip Color Television Signal Processing Circuit
More results

유사한 설명 - LA76850

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA72715V SANYO-LA72715V Datasheet
201Kb / 12P
   Monolithic Linear IC JPN MTS (Multi Channel Television Sound) Decoder IC
LA72714VA SANYO-LA72714VA Datasheet
155Kb / 14P
   Monolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
LA7520N SANYO-LA7520N Datasheet
134Kb / 3P
   Monolithic Linear IC
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
LB1909M SANYO-LB1909M Datasheet
71Kb / 4P
   Monolithic Linear IC Stepping Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com