전자부품 데이터시트 검색엔진 |
|
LB11697V 데이터시트(PDF) 7 Page - Sanyo Semicon Device |
|
LB11697V 데이터시트(HTML) 7 Page - Sanyo Semicon Device |
7 / 14 page Pin No. Pin Name Pin Description Equivalent circuit No.8412-7/14 LB11697V 23 PWM IN PWM pulse input A low-level input specifies the output drive state, and a high-level or open input specifies the output off state. When this pin is used for control, the TOC pin voltage must be set to a control amplifier input that results in a 100% duty. VREG 50 k Ω 3.5 k Ω 23 24 F/R Forward/reverse input VREG 50 k Ω 3.5 k Ω 24 Continued from preceding page. Continued on next page. 22 S/S Start/Stop input A low-level input sets the IC to start mode, and a high- level input sets it to stop mode. VREG 3.5 k Ω 22 21 CSD Constraint protection circuit operating time setting Insert a capacitor between this pin and ground. This pin must be connected to ground if the constraint protection circuit is not used. VREG 300 Ω 21 20 RD Motor constraint detection output This pin output is on when the motor is turning and off when the constraint protection circuit operates. VREG 20 |
유사한 부품 번호 - LB11697V |
|
유사한 설명 - LB11697V |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |