전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11876 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LB11876
상세설명  Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11876 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LB11876 Datasheet HTML 1Page - Sanyo Semicon Device LB11876 Datasheet HTML 2Page - Sanyo Semicon Device LB11876 Datasheet HTML 3Page - Sanyo Semicon Device LB11876 Datasheet HTML 4Page - Sanyo Semicon Device LB11876 Datasheet HTML 5Page - Sanyo Semicon Device LB11876 Datasheet HTML 6Page - Sanyo Semicon Device LB11876 Datasheet HTML 7Page - Sanyo Semicon Device LB11876 Datasheet HTML 8Page - Sanyo Semicon Device LB11876 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LB11876
No.8317-3/15
Continued from preceding page.
Ratings
Unit
Parameter
Symbol
Conditions
min
typ
max
FGS Output
Output saturation voltage
VOL (FGS)
ILD = 7mA
0.15
0.5
V
Output leakage current
IL (FGS)
VO = VCC
10
μA
PWM Oscillator
High-level output voltage
VOH (PWM)
2.6
2.9
3.2
V
Low-level output voltage
VOL (PWM)
1.4
1.7
2.0
V
External capacitor charge
current
ICHG
VPWM = 2.0V
-65
-50
-35
μA
Oscillator frequency
f (PWM)
C = 620pF
50
kHz
Amplitude
V (PWM)
1.0
1.2
1.4
Vp-p
CSD Oscillator Circuit
High-level output voltage
VOH (CSD)
3.2
3.5
3.8
V
Low-level output voltage
VOL (CSD)
0.9
1.1
1.3
V
External capacitor charge
current
ICHG1
-13
-10
-7
μA
External capacitor discharge
current
ICHG2
7
10
13
μA
Oscillator frequency
f (CSD)
C = 0.068
μF
30
Hz
Amplitude
V (CSD)
2.2
2.4
2.6
Vp-p
Phase Comparator Output
High-level input voltage
VPDH
IOH = -100μA
VREG - 0.2
VREG - 0.1
V
Low-level input voltage
VPDL
IOH = 100μA
0.2
0.3
V
Input source current
IPD+
VPD = VREG/2
-0.6
mA
Input sink current
IPD-
VPD = VREG/2
1.5
mA
Phase Lock Detection Output
Output saturation voltage
VOL( LD)
ILD = 10mA
0.15
0.4
V
Output leakage current
IL (LD)
VO = VCC
10
μA
Error Amplifier Block
Input offset voltage
VIO (ER)
Design target value
-10
10
mV
Input bias current
IB (ER)
-0.4
0.4
μA
High-level output voltage
VOH (ER)
IEI = -0.1mA, no load
3.7
V
Low-level output voltage
VOL (ER)
IEI = 0.1mA, no load
1.3
V
DC bias level
VB (ER)
Design target value
-5%
VREG/2
5%
V
Current Llimiter Circuit
Llimiter voltage
VRF
0.225
0.25
0.275
V
Low Voltage Protection Circuit
Operating voltage
VSDL
3.5
3.7
3.9
V
Release voltage
VSDH
4.0
4.2
4.4
V
Hysteresis
ΔVSD
0.35
0.5
0.65
V
Thermal shutdown circuit
Thermal shutdown operating
temperature
TSD
Design target value (junction
temperature)
150
180
°C
Thermal shutdown temperature
hysteresis
ΔTSD
Design target value (junction
temperature)
30
°C
CLD Circuit
External capacitor discharge
current
ICLD
-5
-4
-3
μA
Operating voltage
VH (CLD)
3.25
3.5
3.75
V
Continued on next page.


유사한 부품 번호 - LB11876

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB11876 ONSEMI-LB11876 Datasheet
172Kb / 15P
   Three-Phase Brushless Motor Driver
May, 2013
More results

유사한 설명 - LB11876

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11872V SANYO-LB11872V Datasheet
122Kb / 12P
   Monolithic Digital IC For Polygonal Mirror Motors Scanner Driver IC
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com