전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11993W 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LB11993W
상세설명  Monolithic Digital IC For Digital Video Camera Three-phase Brushless 3-in-1 Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11993W 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LB11993W Datasheet HTML 4Page - Sanyo Semicon Device LB11993W Datasheet HTML 5Page - Sanyo Semicon Device LB11993W Datasheet HTML 6Page - Sanyo Semicon Device LB11993W Datasheet HTML 7Page - Sanyo Semicon Device LB11993W Datasheet HTML 8Page - Sanyo Semicon Device LB11993W Datasheet HTML 9Page - Sanyo Semicon Device LB11993W Datasheet HTML 10Page - Sanyo Semicon Device LB11993W Datasheet HTML 11Page - Sanyo Semicon Device LB11993W Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LB11993W
No.A0677-8/15
Block Diagram
Reference
voltage
TSD circuit
Rotor potision
detection circuit
VCC2
COM
UIN
VIN
WIN
VS_D
UOUT_D
VOUT_D
WOUT_D
RF_D
GND
500
200
10k
40k
200
VCC1
VCC1
VCC1
30k
200
200
200
30k
FC1
FILTER
CSLP2
CSLP1
FRC_D
OSC
STBY_D
VCC1
30k
200
200
75k
1.5k
100k
500
Mid-point control
FC2
B
B
B
+Vf
1.2V ref. voltage
bias startup circuit
Forward/rev
VCC2
TSD
Capstan
bias circuits
VCC1
R6
R6
VX+
α
R4
R3
1.5
×R5
R2
R2
2
×R1
R1
R1
VX
R5
R5
R5
R5
R5
R5
ANGLE
WIN2
WIN1
VIN2
VIN1
UIN2
UIN1
FRC_C
DEC2
DEC1
RS
RLO1
RLM1
RLP1
RLO2
RLM2
VS_C
UOUT_C
VOUT_C
WOUT_C
RF_C
STBY_C
VH+
VH-
FGOUT_C
FGIN-
FGIN+
SBD
SBD
VS-VX-Vf+2
α
VX+Vf
(VS/2)+
α
VCC2
Upper/lower
amplitude limiter
VCC1
1.2V ref. voltage
bias startup ckt.
Cylnder
bias circuits
AMP1OUT
AMP1IN-
AMP2OUT
AMP2IN-
VCC1
AMP1IN+
AMP2IN+
DECORDER
Soft switching
drive circuit
Timing
control circuit
Startup
control circuit
Forward/reverse
Hall power supply voltage
output circuit


유사한 부품 번호 - LB11993W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11990W SANYO-LB11990W Datasheet
151Kb / 14P
   Three-Phase Brushless Motor Driver
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB11996H SANYO-LB11996H Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
More results

유사한 설명 - LB11993W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
LB11681H SANYO-LB11681H Datasheet
109Kb / 11P
   Monolithic Digital IC PWM Three-phase Brushless Motor Driver
logo
Rohm
BD6637KS ROHM-BD6637KS Datasheet
509Kb / 6P
   3 in 1 Motor Driver for Digital Video Camera
BD6300KU ROHM-BD6300KU Datasheet
324Kb / 6P
   3 in 1 Motor Driver for Digital Video Camera
logo
Sanyo Semicon Device
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB8649W SANYO-LB8649W Datasheet
133Kb / 9P
   Monolithic Digital IC Digital Camera Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com