전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F7LC8A 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LC87F7LC8A
상세설명  CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F7LC8A 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LC87F7LC8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F7LC8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F7LC8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F7LC8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F7LC8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F7LC8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F7LC8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F7LC8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F7LC8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
82907HKIM 20070330-S00001 No.A0835-1/25
Ver.0.92
LC87F7LC8A
Overview
The SANYO LC87F7LC8A is an 8-bit microcomputer that, centered around a CPU running at a minimum bus cycle
time of 83.3ns, integrates on a single chip a number of hardware features such as 128K-byte flash ROM (onboard
programmable), 4096-byte RAM, an on-chip debugger, a LCD controller/driver, sophisticated 16-bit timer/counter
(may be divided into 8-bit timers), a 16-bit timer/counter (may be divided into 8-bit timers/counters or 8-bit PWMs),
four 8-bit timers with a prescaler, a 16-bit timer with a prescaler (may be divided into 8-bit timers), a base timer serving
as a time-of-day clock, a day and time counter, a synchronous SIO interface (with automatic block transmission/
reception capabilities), an asynchronous/synchronous SIO interface, a UART interface (full duplex), an 8-bit 15-channel
AD converter, two 12-bit PWM channels, a high-speed clock counter, a system clock frequency divider, a small signal
detector, ROM correction function, remote control receive function, and a 28-source 10-vector interrupt feature.
Features
Flash ROM
• Capable of on-board-programming with wide range, 3.0 to 5.5V, of voltage source
• Block-erasable in 128byte units
• 131072 × 8 bits (LC87F7LC8A)
RAM
• 4096 × 9 bits (LC87F7LC8A)
Minimum Bus Cycle Time
• 83.3ns (12MHz)
VDD=3.0 to 5.5V
• 125ns (8MHz)
VDD=2.5 to 3.0V
• 250ns (4MHz)
VDD=2.2 to 2.5V
Note: The bus cycle time here refers to the ROM read speed.
Ordering number : ENA0835
CMOS IC
FROM 128K byte, RAM 4096 byte on-chip
8-bit 1-chip Microcontroller
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by
SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


유사한 부품 번호 - LC87F7LC8A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC87F74C8A SANYO-LC87F74C8A Datasheet
575Kb / 21P
   8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F76C8A ONSEMI-LC87F76C8A Datasheet
187Kb / 24P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.09
More results

유사한 설명 - LC87F7LC8A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5R96B SANYO-LC87F5R96B Datasheet
163Kb / 22P
   CMOS ICFROM 98K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com