전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

PM200CLA060_05 데이터시트(Datasheet) 2 Page - Mitsubishi Electric Semiconductor

부품명 PM200CLA060_05
상세내용  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo 

   
 2 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM200CLA060
FLAT-BASE TYPE
INSULATED PACKAGE
May 2005
VCES
±IC
±ICP
PC
Tj
Collector-Emitter Voltage
Collector Current
Collector Current (Peak)
Collector Dissipation
Junction Temperature
VD = 15V, VCIN = 15V
TC = 25
°C
TC = 25
°C
TC = 25
°C
(Note-1)
V
A
A
W
°C
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Symbol
Parameter
Condition
Ratings
Unit
600
200
400
781
–20 ~ +150
INTERNAL FUNCTIONS BLOCK DIAGRAM
VFO
IFO
CONTROL PART
V
mA
20
20
Supply Voltage
Input Voltage
Fault Output Supply Voltage
Fault Output Current
Symbol
Parameter
Condition
Ratings
Unit
Applied between : VUP1-VUPC
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Applied between : UP-VUPC, VP-VVPC
WP-VWPC, UN • VN • WN-VNC
Applied between : UFO-VUPC, VFO-VVPC, WFO-VWPC
FO-VNC
Sink current at UFO, VFO, WFO, FO terminals
20
20
VD
VCIN
V
V
VN
UN
WP
VWP1
WFO
VWPC
VP
VVP1
VFO
VVPC
UP
VUP1
UFO
VUPC
NC
NC
N
W
V
U
P
Fo
1.5k
1.5k
1.5k
1.5k
VNC
VN1
WN
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
PM100RSE060_05INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM150RSE120_05INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM150CBS060INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM200CBS060INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM150CLA060_05INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM150CLA120INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM150CSA060_00INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM100RLA120INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM150CSD060INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM25CLB120INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl