전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC750512E 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LC750512E
상세설명  CMOS IC Audistry support Audio DSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC750512E 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LC750512E Datasheet HTML 1Page - Sanyo Semicon Device LC750512E Datasheet HTML 2Page - Sanyo Semicon Device LC750512E Datasheet HTML 3Page - Sanyo Semicon Device LC750512E Datasheet HTML 4Page - Sanyo Semicon Device LC750512E Datasheet HTML 5Page - Sanyo Semicon Device LC750512E Datasheet HTML 6Page - Sanyo Semicon Device LC750512E Datasheet HTML 7Page - Sanyo Semicon Device LC750512E Datasheet HTML 8Page - Sanyo Semicon Device LC750512E Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
83006 / 61506HKIM No.A0179-1/9
LC750512E
Overview
The LC750512E is a single-chip audio DSP equipped with an Audio interface unit with features such as audio algorithm
and lip-sync functions, which are required by audio/video-related products for which higher and higher sound quality
levels are being demanded. The microcontroller has a CCB (Computer Control Bus) and I
2C (Inter-Integrated Circuit)
–support interface.
Features
1. Hardware configuration that allows installation of audio algorithm functions related to audio/video products
• Program ROM: 24 bits×8K words
• Data RAM: 24 bits×4K words×2 planes, 24 bits×1K words×2 planes
• Audio interface: I2S input, MSB first right justified, MSB first left justified (1 port)
• Audio interface: I2S output, MSB first right justified, MSB first left justified (3 ports)
• Analog input: 1 port (2 channel stereo), Analog output: 1 port (2 channel stereo)
2. Audio algorithms for audio/video-related products installed
• Lip sync function (correcting time lags up to 80ms between audio and video at a 48kHz sampling frequency)
• Audistry function (Mono-to-Stereo Creator, Suound Space Expander, Sound Space for Headphones,
Intelligent Volume Control, Natural bass)
• Equalizer function (3 bands/channel, common to L and R channels)
• Volume control function (0 to -79dB, in 1dB increments, -∞)
• Bass/treble control (±18 dB in 1dB increments) and other basic control functions
• Audistry mode/S3S mode user selectable, enabling SANYO’s proprietary surround mode
Audistry mode
Effect
Algorithm (Name)
Remarks
Audistry
Mono-to-Stereo Creator
Generates a pseudo stereo sound from a mono signal
Sound Space Expander
Creates pseudo sound field (speaker)
Sound Space for Headphones
Creates pseudo sound field (headphone)
Intelligent Volume Control
AGC processing
Natural Bass
Low frequency enhancement
CMOS IC
Audistry support Audio DSP
* Audistry and the sound shell logo are trademarks of Dolby Laboratories.
Dolby is a registered trademark of Dolby Laboratories, Inc.
Ordering number : ENA0179
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


유사한 부품 번호 - LC750512E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
More results

유사한 설명 - LC750512E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
Cirrus Logic
CS48DV2B CIRRUS-CS48DV2B_09 Datasheet
489Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
CS48DV2B CIRRUS-CS48DV2B Datasheet
487Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
logo
Sanyo Semicon Device
LC89058W SANYO-LC89058W Datasheet
289Kb / 64P
   CMOS IC Digital Audio Interface Receiver
LC75010W SANYO-LC75010W Datasheet
128Kb / 12P
   LC75010W Car Audio DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com