전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS60D22C 데이터시트(PDF) 5 Page - Teledyne Technologies Incorporated

부품명 LS60D22C
상세설명  30A to 600 Vac SIP Package DC control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

LS60D22C 데이터시트(HTML) 5 Page - Teledyne Technologies Incorporated

  LS60D22C Datasheet HTML 1Page - Teledyne Technologies Incorporated LS60D22C Datasheet HTML 2Page - Teledyne Technologies Incorporated LS60D22C Datasheet HTML 3Page - Teledyne Technologies Incorporated LS60D22C Datasheet HTML 4Page - Teledyne Technologies Incorporated LS60D22C Datasheet HTML 5Page - Teledyne Technologies Incorporated LS60D22C Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
LS 5
LS\032003\Q2
MECHANICAL SPECIFICATION
Figure 8 – FW100 and FW150 heat sinks;
dimensions in inches (mm)
FW100 heat sink with Max Clip System*
Rth = 3.6
°C/W (4 SSRs)
Rth = 4
°C/W (1 SSR)
FW150 heat sink with Max Clip System*
Rth = 2.6
°C/W (4 SSRs)
Rth = 3
°C/W (1 SSR)
*The Max Clip System of Aavid Thermalloy, patented worldwide
.16 (4)
Thermal grease
Relay
.07 (1.7)
±.01
M3
Relay
Thermal grease
.16 (4)
.07 (1.7)
±.01
L19101 CLIP
Figure 9a – Clip for FW100 and FW150 heat sinks
Figure 9b – Mounting with L19101 clip;
dimensions in inches (mm)
L19100 CLIP
Figure 10a – Clips with
screws for other heat sinks
Figure 10b – Mounting with L19100 clip;
dimensions in inches (mm)
NOTES
1. 0.16-inch (4mm) mounting washer must have correct
insulation between input to output.
1.18 (30)
.31 (7.9)
M4
Length:
FW100 = 3.94 (100)
FW150 = 5.9 (150)
±.01
±.01
M4
=
=
= =
Series LS


유사한 부품 번호 - LS60D22C

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
LS60D22C TELEDYNE-LS60D22C Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
LS60D22C-HS1 TELEDYNE-LS60D22C-HS1 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
More results

유사한 설명 - LS60D22C

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
LS60D22C-HS1 TELEDYNE-LS60D22C-HS1 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
BS24D4A TELEDYNE-BS24D4A Datasheet
87Kb / 2P
   4A to 600 Vac SIP Package DC Control
logo
Willow Technologies Ltd
AS4 WILLOW-AS4 Datasheet
319Kb / 4P
   5A to 600 Vac SIP Package
logo
Teledyne Technologies I...
DS6R3E TELEDYNE-DS6R3E Datasheet
81Kb / 2P
   3A to 220 Vdc SIP Package DC Control
logo
Willow Technologies Ltd
AS6 WILLOW-AS6 Datasheet
319Kb / 4P
   4A to 460 Vac SIP Package
logo
Teledyne Technologies I...
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
logo
Murata Manufacturing Co...
LSN2-T30-D12 MURATA-LSN2-T30-D12 Datasheet
464Kb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
LSN2-T MURATA-LSN2-T Datasheet
1Mb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
logo
Littelfuse
KLKD LITTELFUSE-KLKD_17 Datasheet
623Kb / 7P
   600 Vac/dc
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com