전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS60D27C 데이터시트(PDF) 2 Page - Teledyne Technologies Incorporated

부품명 LS60D27C
상세설명  30A to 600 Vac SIP Package DC control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

LS60D27C 데이터시트(HTML) 2 Page - Teledyne Technologies Incorporated

  LS60D27C Datasheet HTML 1Page - Teledyne Technologies Incorporated LS60D27C Datasheet HTML 2Page - Teledyne Technologies Incorporated LS60D27C Datasheet HTML 3Page - Teledyne Technologies Incorporated LS60D27C Datasheet HTML 4Page - Teledyne Technologies Incorporated LS60D27C Datasheet HTML 5Page - Teledyne Technologies Incorporated LS60D27C Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LS 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
LS\032003\Q2
OUTPUT (LOAD) SPECIFICATION
Min
Max
Unit
Operating Range
LS24
12
280
Vrms
LS60
24
600
Vrms
Peak Voltage
LS24D16C
600
Vpeak
LS60D22C
1200
Vpeak
Load Current Range
LS24D16C
.005
16*
Arms
LS24D21C
.005
25*
Arms
LS60D22C
.005
25*
Arms
LS24D27C
.005
30*
Arms
LS60D27C
.005
30*
Arms
LS60D30C
.005
30*
Arms
*Limited by the heat sink
Maximum Surge Current Rating (Non-Repetitive)
(See Figure 6)
LS24D16C
160
Apeak
LS24D21C
250
Apeak
LS60D22C
300
Apeak
LS24D27C
600
Apeak
LS60D27C
600
Apeak
LS60D30C
1000
Apeak
On-State Voltage Drop
All relays
1.6
V
Zero-Cross Window (Typical)
All relays
±12
V
Off-State Leakage Current (60Hz)
All relays
1
mA
Series LS
010
20 30 40 50
60 70 80
90 100
Ambient Temperature (
°C)
Without heat sink
6
°C/W
05
10
15
20
0
5
10
15
20
Load Current (Arms)
Full on state
FW150 (~
~3°C/W)
FW100
(~
~4°C/W)
010
20 30 40 50
60 70 80
90 100
Without heat sink
6
°C/W
FW100
(~
~4°C/W)
05
10
15
20
25
0
5
10
15
20
25
30
35
Ambient Temperature (
°C)
Full on state
FW150 (~
~3°C/W)
Load Current (Arms)
010
20
30
40
50
60708090
100
05
10
15
20
25
30
35
0
10
20
30
40
Ambient Temperature (
°C)
Full on state
Without heat sink
6
°C/W
FW100
(~
~4°C/W)
FW150 (~
~3°C/W)
Load Current (Arms)
THERMAL CHARACTERISTICS
Figure 5c — LS24D27C, LS60D27C, LS60D30C relays
Figure 5b — LS24D21C, LS60D22C relays
Figure 5a — LS24D16C relay
CONTROL CHARACTERISTIC
2
10
12
14
01
468
4
6
8
10
14
Control Voltage (V)
16
20
18
22
24
26
28
30
12
2
0
3579
11
13
15 16
INPUT (CONTROL) SPECIFICATION
Min
Max
Units
Control Range
4
14
Vdc
Input Current Range
6.5
30
mAdc
Must Turn-off Voltage
1
Vdc
Input Resistance (Typical)
440
Ohms
Figure 4 — LS relays


유사한 부품 번호 - LS60D27C

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
LS60D22C TELEDYNE-LS60D22C Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
LS60D22C-HS1 TELEDYNE-LS60D22C-HS1 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
More results

유사한 설명 - LS60D27C

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
LS60D22C-HS1 TELEDYNE-LS60D22C-HS1 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
BS24D4A TELEDYNE-BS24D4A Datasheet
87Kb / 2P
   4A to 600 Vac SIP Package DC Control
logo
Willow Technologies Ltd
AS4 WILLOW-AS4 Datasheet
319Kb / 4P
   5A to 600 Vac SIP Package
logo
Teledyne Technologies I...
DS6R3E TELEDYNE-DS6R3E Datasheet
81Kb / 2P
   3A to 220 Vdc SIP Package DC Control
logo
Willow Technologies Ltd
AS6 WILLOW-AS6 Datasheet
319Kb / 4P
   4A to 460 Vac SIP Package
logo
Teledyne Technologies I...
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
logo
Murata Manufacturing Co...
LSN2-T30-D12 MURATA-LSN2-T30-D12 Datasheet
464Kb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
LSN2-T MURATA-LSN2-T Datasheet
1Mb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
logo
Littelfuse
KLKD LITTELFUSE-KLKD_17 Datasheet
623Kb / 7P
   600 Vac/dc
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com