부품명
         상세내용
LV4991TT

 Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier ( 11 Page)


SANYO
100% 
Zoom Out Zoom In
 6 page
background image
LV4991TT
No.A0739-6/11
Cautions for use
1. Input coupling capacitor (C3)
The input coupling capacitor C3 and input resistor R1 make up the high-pass filter, attenuating the bass frequency.
Therefore, the capacitance value must be selected with due consideration of the pass band. Note with care that this
capacitance value affects the pop sound at startup.
Namely, the increased capacitance value will make the pop sound louder.
2. Pin 3 capacitor (C4)
This capacitor C4 is designed to reduce the power ripple. The ripple removal ratio increases when the capacitance is
larger. Note however that this capacitor affects the pop sound at startup.
Design must therefore be made by taking into both features as above described.
3. Pin 4 control (second amplifier stop control function)
Pin 4 is a pin to turn ON/OFF the operation of second amplifier. By using this function, the pop sound at startup can be
reduced. Note that pin 4 can be controlled by applying the voltage described below :
Second amplifier ON
⇒ V4 = 1.6 to VCCV or OPEN
Second amplifier OFF
⇒ V4 = 0 to 0.3V
When the pin-3 capacitor C4 is downsized, the pop sound becomes louder. The pop sound can be reduced by providing
the time Tmu to stop the second amplifier (see Fig. 1) while utilizing this function of the microcomputor. The
recommended mute time Tmu is as follows.
C4 [
µF]
0.1
0.22
0.33
Tmu [ms]
≥ 170
≥ 270
≥ 280
Fig. 1
4. Standby pin (pin 2)
By controlling the standby pin, the mode changeover can be made between standby and operation modes.
Standby mode
⇒ V2 = 0 to 0.3V
Operation mode
⇒ V2 = 1.9 to VCCV
When using the standby pin as interlocked with power supply as shown in Fig. 2, care should be taken because the
current ISTBY as expressed by the following equation flows through the standby pin.
ISTBY =
VCC−1.4V
R3+21k
Fig. 2
VCC
R3
VCC
STBY
7
2
Pin 2:STBY
Pin 4:CNT
Between pins 8 and 5:
OUT1-OUT2
Tmu
time
AMP2:ON
1  2  3  4  5  6  7  8  9  10  11 



관련 부품명

부품명상세내용Html View제조사
LV4991THBi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA42201Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA42031Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA42105Monolithic Linear IC Audio Output for TV application BTL 5W × 1ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA4917HMonolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs 1 2 3 4 5 MoreSanyo Semicon Device
LA42210Monolithic Linear IC Audio Output for TV application BTL 10W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA47202PMonolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
LV4900HBi-CMOS LSI Class-D Audio Power Amplifier BTL 10W×2ch 1 2 3 4 5 MoreSanyo Semicon Device
LV4900HRBi-CMOS LSI Class-D Audio Power Amplifier BTL 10W×2ch 1 2 3 4 5 MoreSanyo Semicon Device
LV4910TBi-CMOS LSI Class-D Audio Power Amplifier BTL 2W × 2ch 1 2 3 4 5 MoreSanyo Semicon Device

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl