전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM200CLA120 데이터시트(PDF) 6 Page - Mitsubishi Electric Semiconductor

부품명 PM200CLA120
상세설명  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM200CLA120 데이터시트(HTML) 6 Page - Mitsubishi Electric Semiconductor

  PM200CLA120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM200CLA120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM200CLA120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM200CLA120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM200CLA120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM200CLA120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM200CLA120 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM200CLA120 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM200CLA120
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
NOTES FOR STABLE AND SAFE OPERATION ;
Design the PCB pattern to minimize wiring length between opto-coupler and IPM’s input terminal, and also to minimize the
stray capacity between the input and output wirings of opto-coupler.
Connect low impedance capacitor between the Vcc and GND terminal of each fast switching opto-coupler.
Fast switching opto-couplers: tPLH, tPHL ≤ 0.8µs, Use High CMR type.
Slow switching opto-coupler: CTR > 100%
Use 6 isolated control power supplies (VD). Also, care should be taken to minimize the instantaneous voltage charge of the
power supply.
Make inductance of DC bus line as small as possible, and minimize surge voltage using snubber capacitor between P and N
terminal.
Use line noise filter capacitor (ex. 4.7nF) between each input AC line and ground to reject common-mode noise from AC line
and improve noise immunity of the system.
: Interface which is the same as the U-phase
Fig. 8 Application Example Circuit
OUT
Si
OT
OT
OT
GND
GND
In
Vcc
U
N
V
N
P
P
W
N
P
M
¡
IF
+
OUT
Si
GND
GND
In
Vcc
OUT
Si
GND
GND
In
Vcc
Fo
Fo
Fo
VVP1
VP
VVPC
1.5k
1.5k
1.5k
VUN1
UN
VUNC
20k
≥10
µ
≥0.1
µ
UNFO
VPFO
UPFO
VUP1
UP
VUPC
VD
OT
OUT
Si
GND
GND
In
Vcc
Fo
VVN1
VN
VVNC
1.5k
VNFO
VD
OT
OUT
Si
GND
GND
In
Vcc
Fo
VWP1
WP
VWPC
1.5k
WPFO
VD
OT
OUT
Si
GND
GND
In
Vcc
Fo
VWN1
WN
VWNC
1.5k
WNFO
VD
VD
VD


유사한 부품 번호 - PM200CLA120

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
PM200CLA120 POWEREX-PM200CLA120 Datasheet
302Kb / 6P
   Three Phase IGBT Inverter 200 Amperes/1200 Volts
More results

유사한 설명 - PM200CLA120

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com