전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB0509V 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 SB0509V
상세설명  Schottky Barrier Diode 90V, 0.5A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB0509V 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  SB0509V Datasheet HTML 1Page - Sanyo Semicon Device SB0509V Datasheet HTML 2Page - Sanyo Semicon Device SB0509V Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB0509V
No.8303-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Fast reverse recovery time (trr max=20ns).
Low switching noise.
Low leakage current and high reliability due to highly reliable planar structure.
Specifications
Absolute Maximum Ratings at Ta=25
°C (Value per element)
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
90
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
90
V
Average Output Current
IO
0.5
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C (Value per element)
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=200µA90
V
Forward Voltage
VF1IF=0.2A
0.44
0.49
V
VF2IF=0.5A
0.6
0.65
V
Reverse Current
IR
VR=45V
30
µA
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
20
ns
Marking : SB
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN8303
32505SB TS IM TB-00001377
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SB0509V
Schottky Barrier Diode
90V, 0.5A Rectifier


유사한 부품 번호 - SB0509V

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SB050 VISHAY-SB050 Datasheet
353Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 25-Apr-08
SB050 VISHAY-SB050 Datasheet
71Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 16-Oct-09
SB050 VISHAY-SB050 Datasheet
78Kb / 5P
   Miniature Schottky Barrier Plastic Rectifier
Revision: 13-Aug-13
logo
GOOD-ARK Electronics
SB050 GOOD-ARK-SB050 Datasheet
668Kb / 2P
   Miniature Schottky Barrier Rectifiers
logo
Tyco Electronics
SB050100WE10 MACOM-SB050100WE10 Datasheet
5Mb / 85P
   tyco electronics contents
More results

유사한 설명 - SB0509V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB0503SH SANYO-SB0503SH Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 0.5A Rectifier
SS0503SH SANYO-SS0503SH Datasheet
33Kb / 3P
   Schottky Barrier Diode 30V, 0.5A Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 0.5A Rectifier
logo
Diodes Incorporated
SDM05U20S3 DIODES-SDM05U20S3 Datasheet
289Kb / 5P
   0.5A SCHOTTKY BARRIER RECTIFIER
logo
Will Semiconductor Ltd.
WSB5539N WILLSEMI-WSB5539N Datasheet
1Mb / 4P
   0.5A, Schottky Barrier Diode
logo
Sanyo Semicon Device
SS0503EC SANYO-SS0503EC Datasheet
51Kb / 3P
   Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
SB0503EC SANYO-SB0503EC Datasheet
51Kb / 3P
   Low IR Schottky Barrier Diode 30V, 0.5A Rectifier
logo
Sanken electric
AK09 SANKEN-AK09 Datasheet
43Kb / 2P
   Schottky Barrier Diodes 90V
logo
List of Unclassifed Man...
EK19 ETC1-EK19 Datasheet
43Kb / 2P
   Schottky Barrier Diodes 90V
logo
Sanken electric
FMB-G19L SANKEN-FMB-G19L Datasheet
36Kb / 2P
   Schottky Barrier Diodes 90V
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com