전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD246C 데이터시트(PDF) 4 Page - Power Innovations Ltd

부품명 BD246C
상세설명  PNP SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POINN [Power Innovations Ltd]
홈페이지  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD246C 데이터시트(HTML) 4 Page - Power Innovations Ltd

  BD246C Datasheet HTML 1Page - Power Innovations Ltd BD246C Datasheet HTML 2Page - Power Innovations Ltd BD246C Datasheet HTML 3Page - Power Innovations Ltd BD246C Datasheet HTML 4Page - Power Innovations Ltd BD246C Datasheet HTML 5Page - Power Innovations Ltd BD246C Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BD246, BD246A, BD246B, BD246C
PNP SILICON POWER TRANSISTORS
4
JUNE 1973 - REVISED MARCH 1997
PRODUCT
INFORMATION
MAXIMUM SAFE OPERATING REGIONS
Figure 4.
THERMAL INFORMATION
Figure 5.
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
-1·0
-10
-100
-1000
-0·01
-0·1
-1·0
-10
-100
SAS634AC
BD246
BD246A
BD246B
BD246C
t
p = 300 µs, d = 0.1 = 10%
t
p =
1 ms, d = 0.1 = 10%
t
p = 10 ms, d = 0.1 = 10%
DC Operation
MAXIMUM POWER DISSIPATION
vs
CASE TEMPERATURE
T
C - Case Temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
TIS633AA


유사한 부품 번호 - BD246C

제조업체부품명데이터시트상세설명
logo
Transys Electronics
BD246C TRSYS-BD246C Datasheet
465Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD246C BOURNS-BD246C Datasheet
108Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD246C SAVANTIC-BD246C Datasheet
145Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BD246C COMSET-BD246C Datasheet
75Kb / 3P
   PNP SINGLE-DIFFUSED MESA SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD246C SAVANTIC-BD246C Datasheet
146Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - BD246C

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com