전자부품 데이터시트 검색엔진 |
|
BD250C 데이터시트(PDF) 2 Page - Power Innovations Ltd |
|
BD250C 데이터시트(HTML) 2 Page - Power Innovations Ltd |
2 / 6 page BD250, BD250A, BD250B, BD250C PNP SILICON POWER TRANSISTORS 2 JUNE 1973 - REVISED MARCH 1997 PRODUCT INFORMATION NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%. 6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts. † Voltage and current values shown are nominal; exact values vary slightly with transistor parameters. electrical characteristics at 25°C case temperature PARAMETER TEST CONDITIONS MIN TYP MAX UNIT V(BR)CEO Collector-emitter breakdown voltage IC = -30 mA (see Note 5) IB = 0 BD250 BD250A BD250B BD250C -45 -60 -80 -100 V ICES Collector-emitter cut-off current VCE = -55 V VCE = -70 V VCE = -90 V VCE = -115 V VBE = 0 VBE = 0 VBE = 0 VBE = 0 BD250 BD250A BD250B BD250C -0.7 -0.7 -0.7 -0.7 mA ICEO Collector cut-off current VCE = -30 V VCE = -60 V IB = 0 IB = 0 BD250/250A BD250B/250C -1 -1 mA IEBO Emitter cut-off current VEB = -5 V IC = 0 -1 mA hFE Forward current transfer ratio VCE = -4 V VCE = -4 V VCE = -4 V IC = -1.5 A IC = -15 A IC = -25 A (see Notes 5 and 6) 25 10 5 VCE(sat) Collector-emitter saturation voltage IB = -1.5 A IB = -5 A IC = -15 A IC = -25 A (see Notes 5 and 6) -1.8 -4 V VBE Base-emitter voltage VCE = -4 V VCE = -4 V IC = -15 A IC = -25 A (see Notes 5 and 6) -2 -4 V hfe Small signal forward current transfer ratio VCE = -10 V IC = -1 A f = 1 kHz 25 |h fe| Small signal forward current transfer ratio VCE = -10 V IC = -1 A f = 1 MHz 3 thermal characteristics PARAMETER MIN TYP MAX UNIT RθJC Junction to case thermal resistance 1 °C/W RθJA Junction to free air thermal resistance 42 °C/W resistive-load-switching characteristics at 25°C case temperature PARAMETER TEST CONDITIONS † MIN TYP MAX UNIT ton Turn-on time IC = -5 A VBE(off) = 5 V IB(on) = -0.5 A RL = 5 Ω IB(off) = 0.5 A tp = 20 µs, dc ≤ 2% 0.2 µs toff Turn-off time 0.4 µs |
유사한 부품 번호 - BD250C |
|
유사한 설명 - BD250C |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |