전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD250C 데이터시트(PDF) 5 Page - Power Innovations Ltd

부품명 BD250C
상세설명  PNP SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POINN [Power Innovations Ltd]
홈페이지  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD250C 데이터시트(HTML) 5 Page - Power Innovations Ltd

  BD250C Datasheet HTML 1Page - Power Innovations Ltd BD250C Datasheet HTML 2Page - Power Innovations Ltd BD250C Datasheet HTML 3Page - Power Innovations Ltd BD250C Datasheet HTML 4Page - Power Innovations Ltd BD250C Datasheet HTML 5Page - Power Innovations Ltd BD250C Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
JUNE 1973 - REVISED MARCH 1997
BD250, BD250A, BD250B, BD250C
PNP SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
SOT-93
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
SOT-93
ALL LINEAR DIMENSIONS IN MILLIMETERS
4,90
4,70
1,37
1,17
0,78
0,50
2,50 TYP.
15,2
14,7
12,2 MAX.
16,2 MAX.
18,0 TYP.
31,0 TYP.
1,30
1,10
11,1
10,8
4,1
4,0
3,95
4,15
1
2
3
NOTE A: The centre pin is in electrical contact with the mounting tab.
MDXXAW
ø


유사한 부품 번호 - BD250C

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
BD250C MOSPEC-BD250C Datasheet
131Kb / 3P
   POWER TRANSISTORS(25A,125W)
logo
Bourns Electronic Solut...
BD250C BOURNS-BD250C Datasheet
109Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD250C SAVANTIC-BD250C Datasheet
144Kb / 3P
   Silicon PNP Power Transistors
BD250C SAVANTIC-BD250C Datasheet
146Kb / 3P
   Silicon NPN Power Transistors
BD250C SAVANTIC-BD250C Datasheet
146Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - BD250C

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com