전자부품 데이터시트 검색엔진 |
|
SI85XX 데이터시트(PDF) 8 Page - Silicon Laboratories |
|
SI85XX 데이터시트(HTML) 8 Page - Silicon Laboratories |
8 / 24 page Si85xx 8 Preliminary Rev. 0.1 Integrator reset option 1 is selected by connecting TRST to VDD. In this mode, the Si85xx is held in reset as long as the signals on R1-R4 satisfy the logic equations of Tables 3 and 4. It is typically used in applications where the gate drivers are external to the system controller I.C. (the gate driver delay ensures reset is completed prior to the start of measurement). Reset option 2 is selected by connecting a timing resistor (RTRST in Figure 4) from the TRST input to ground. It is typically used in applications where the gate drivers are on-board the controller. In this mode, the on-chip reset timer is triggered when the signals on R1-R4 satisfy the logic equations of Tables 3 and 4. Once triggered, the timer maintains integrator in reset for time duration tR as programmed by the value of resistor RTRST. The user must select the value of resistor RTRST to terminate the reset cycle prior to the start of measurement under worst-case timing conditions. Note that values of tR below the specified value in Section “1. Electrical Specifications” results in increased integrator output offset error and increased output noise on VOUT. Moreover, tR’s time is summarized by the following equation: tR = 10 ns/kΩ where values of RTRST that produce a reset time less than 200 ns (RTRST < 20 kΩ) should not be used. Figure 4. Programming Reset Time (tR) 2.4. Effect of Operating Frequency on Output Accuracy The Si85xx includes a built-in watchdog timer that disables measurement and holds OUT or OUT1 and OUT2 at their minimum values when the timer’s preset limit is exceeded. This timer limits the operation of the Si85xx in dc measurement applications. As Figure 5 illustrates, the Si85xx operates down to about 10 kHz with the nominal measurement error doubling to about 10 percent. Figure 5. Full-Scale Error vs. Frequency 2.5. Effect of Temperature on Accuracy Offset voltage present at the Si85xx output terminals (output offset voltage) is calibrated out each time VDD is applied to the Si85xx; so, its error contribution is minimized when the temperature at which calibration occurred is at or near the steady-state operating temperature of the Si85xx. For example, applying VDD at 25 °C (offset cal is performed) and operating at 85 °C will result in a larger offset error than operating at 50 ºC. The effect of this error is summarized in Figure 6. The chart is referenced to 25 °C. If the Si85xx is powered up at 25 °C and then operated at 125 °C with no auto- calibration performed (i.e., the power is not cycled at 125 °C, which causes an auto-calibration), a 3 percent measurement error can be expected. Figure 6. Differential Temperature Calibration Error Si85xx TRST RTRST 0% 3% 6% 9% 12% 15% 10 20 30 40 50 Frequency (kHz) -3.5% -3.0% -2.5% -2.0% -1.5% -1.0% -0.5% 0.0% 0.5% 1.0% 025 50 75 100 125 Temperature (Celcius) |
유사한 부품 번호 - SI85XX |
|
유사한 설명 - SI85XX |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |