전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2401 데이터시트(PDF) 9 Page - Silicon Laboratories

부품명 SI2401
상세설명  V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2401 데이터시트(HTML) 9 Page - Silicon Laboratories

Back Button SI2401 Datasheet HTML 5Page - Silicon Laboratories SI2401 Datasheet HTML 6Page - Silicon Laboratories SI2401 Datasheet HTML 7Page - Silicon Laboratories SI2401 Datasheet HTML 8Page - Silicon Laboratories SI2401 Datasheet HTML 9Page - Silicon Laboratories SI2401 Datasheet HTML 10Page - Silicon Laboratories SI2401 Datasheet HTML 11Page - Silicon Laboratories SI2401 Datasheet HTML 12Page - Silicon Laboratories SI2401 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
Si2401
Rev. 1.0
9
Figure 2. Asynchronous UART Serial Interface Timing Diagram
Table 6. Switching Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for F-Grade)
Parameter
Symbol
Min
Typ
Max
Unit
Baud Rate Accuracy
–1
1
%
CTS
↓ Active to Start Bit↓
tcsb
10
ns
RESET Pulse Width
trl
1—
ms
RESET
↑ to TXD ↓
trs
3—
ms
Note: All timing is referenced to the 50% level of the waveform. Input test levels are VIH =2.0 V, VIL =0.8 V
Note: Baud rates (programmed through register SE0) are as follows: 300,1200, 2400, 9600, 19200,
38400, 115200, and 307200 Hz.
Receive Timing
Start
RXD
RXD
8-Bit Data
Mode (Default)
9-Bit Data
Mode
Stop
D0
D1
D2
D3
D4
D5
D6
D7
Start
Stop
D0
D1
D2
D3
D4
D5
D6
D7
D8
t
csb
t
sbc
CTS
Transmit Timing
Start
Start
TXD
TXD
8-Bit Data
Mode (Default)
9-Bit Data
Mode
Stop
Stop
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D8
t
rl
RESET
t
rs
TXD


유사한 부품 번호 - SI2401

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
874Kb / 72P
   V.22BIS ISOMODEM짰 WITH LOW-COST DAA
SI2401 SILABS-SI2401 Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
List of Unclassifed Man...
SI2401-FS ETC-SI2401-FS Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
More results

유사한 설명 - SI2401

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI3008 SILABS-SI3008 Datasheet
874Kb / 72P
   V.22BIS ISOMODEM짰 WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2401-FSR SILABS-SI2401-FSR Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com