전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3400-X-GM 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 SI3400-X-GM
상세설명  FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3400-X-GM 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button SI3400-X-GM Datasheet HTML 6Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 7Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 8Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 9Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 10Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 11Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 12Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 13Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Si3400/Si3401
10
Rev. 0.9
3. Functional Description
The Si3400 and Si3401 consist of two major functions:
a hotswap controller/interface and a complete pulse-
width-modulated switching regulator (controller and
power FET).
3.1. Overview
The hotswap interfaces of the Si3400 and Si3401
provide the complete front end of an 802.3-compliant
PD. The Si3400 and Si3401 also include two full diode
bridges, a transient voltage surge suppressor, detection
circuit, classification current source, and dual-level
hotswap current limiting switch. This high level of
integration enables direct connection to the RJ-45
connector, simplifies system design, and provides
significant advantages for reliability and protection. The
Si3400 and Si3401 require only four standard external
components (detection resistor, optional classification
resistor, load capacitor, and input capacitor) to create a
fully 802.3-compliant interface. For more information
about
supporting
higher-power
applications,
see
“AN313: Using the Si3400 and Si3401 in High Power
Applications” and “AN314: Power Combining Circuit for
PoE for up to 18.5 W Output”.
The Si3400 and Si3401 integrate a complete pulse-
width modulated switching regulator that includes the
controller and power FET. The switching regulator
utilizes a constant frequency pulse-width modulated
controller optimized for all possible load conditions in
PoE applications. The regulator integrates a low on-
resistance (Ron) switching power MOSFET that
minimizes power dissipation, increases overall regulator
efficiency, and simplifies system design. An integrated
error amplifier, precision reference, and programmable
soft-start current source provide the flexibility of using a
non-isolated buck regulator topology or an isolated
flyback regulator topology.
The Si3400 and Si3401 are designed to operate with
both 802.3-compliant Power Sourcing Equipment (PSE)
and pre-standard (legacy) PSEs that do not adhere to
the 802.3 specified inrush current limits. The Si3400
and Si3401 are compatible with compliant and legacy
PSEs because they use two levels for the hotswap
current limits. By setting the initial inrush current limit to
a low level, a PD based on the Si3400 or Si3401
minimizes the current drawn from either a compliant or
legacy PSE during startup. After powering up, the
Si3400 and Si3401 automatically switch to a higher-
level current limit, thereby allowing the PD to consume
up to 12.95 W (the max power allowed by the 802.3
specification).
The inrush current limit specified by the 802.3 standard
can generate high transient power dissipation in the PD.
By properly sizing the devices and implementing on-
chip thermal protection, the Si3400 and Si3401 can go
through multiple turn-on sequences without overheating
the package or damaging the device. The switching
regulator power MOSFET has been conservatively
designed and sized to withstand the high peak currents
created when converting a high-voltage, low-current
supply
into
a
low-voltage,
high-current
supply.
Excessive power cycling or short circuit faults will
engage the thermal overload protection to prevent the
onboard power MOSFETs from exceeding their safe
and reliable operating ranges.
3.2. PD Hotswap Controller
The Si3400 and Si3401 hotswap controllers change
their mode of operation based on the input voltage
applied to the CT1 and CT2 pins or the SP1 and SP2
pins, the 802.3-defined modes of operation, and internal
controller requirements. Table 9 defines the modes of
operation for the hotswap interface.
Figure 3. Hotswap Block Diagram
DIODE BRIDGES
AND PROTECTION
DETECTION
CONTROL
ON
OFF
VPOSF
VNEG
CT1/SP1
CT2/SP2
0V
12V
RDET
CLASSIFICATION
CONTROL
ON
OFF
12V
22V
RCL
CENTRAL BIAS
BANDGAP REF
10V
5V
1.32V
CURRENT
LIMIT
HI/LO
HOTSWAP
CONTROL
ON
OFF
39V
32V
SWITCHER
STARTUP & BIAS
IABS
ITC
VREF
HSO
POWER LOSS
DETECTOR
PLOSS
SSFT
VPOSS
ISOSSFT


유사한 부품 번호 - SI3400-X-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3400-X-GM SILABS-SI3400-X-GM Datasheet
458Kb / 20P
   Support non-isolated and isolated switching topologies Comprehensive protection circuitry
More results

유사한 설명 - SI3400-X-GM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI3400-GM ETC2-SI3400-GM Datasheet
458Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
Silicon Laboratories
SI3402-B SILABS-SI3402-B Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
SI3402-C SKYWORKS-SI3402-C Datasheet
1Mb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
SI3402-C SILABS-SI3402-C Datasheet
596Kb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3404 SKYWORKS-SI3404 Datasheet
474Kb / 26P
   Fully-Integrated IEEE 802.3 Type 1-Compliant POE PD Interface and High-Efficiency Switching Regulator with Compact Footprint
Revision 0.5 February, 2018
SI3406X SKYWORKS-SI3406X Datasheet
920Kb / 37P
   Fully-Integrated IEEE 802.3-Compliant POE PD Interface and High-Efficiency Switching Regulators with Sleep, Wake, and LED Drive
Revision 1.1 July, 2022
logo
Linear Technology
LTC4267 LINER-LTC4267_15 Datasheet
2Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-3 LINER-LTC4267-3_15 Datasheet
394Kb / 34P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com