전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5316 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 SI5316
상세설명  PRELIMINARY DATA SHEET PRECISION CLOCK JITTER ATTENUATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5316 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button SI5316 Datasheet HTML 4Page - Silicon Laboratories SI5316 Datasheet HTML 5Page - Silicon Laboratories SI5316 Datasheet HTML 6Page - Silicon Laboratories SI5316 Datasheet HTML 7Page - Silicon Laboratories SI5316 Datasheet HTML 8Page - Silicon Laboratories SI5316 Datasheet HTML 9Page - Silicon Laboratories SI5316 Datasheet HTML 10Page - Silicon Laboratories SI5316 Datasheet HTML 11Page - Silicon Laboratories SI5316 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Si5316
8
Preliminary Rev. 0.24
7
6
XB
XA
IAnalog
External Crystal or Reference Clock.
External crystal should be connected to these pins to use internal
oscillator based reference. If external reference is used, apply refer-
ence clock to XA input and leave XB pin floating. External reference
must be from a high-quality clock source (TCXO, OCXO). Frequency
of crystal or external clock is set by the RATE pin.
8, 31
GND
GND
Supply
Ground.
Must be connected to system ground. Minimize the ground path
impedance for optimal performance of this device.
15
RATE
I
3-Level
External Crystal or Reference Clock Rate.
Three level input that selects the type and rate of external crystal or
reference clock to be applied to the XA/XB port.
L = 38.88 MHz external clock
M = 114.285 MHz 3rd OT crystal
H= Reserved
12
13
CKIN2+
CKIN2–
IMulti
Clock Input 2.
Differential input clock. This input can also be driven with a single-
ended signal.
14
DBL_BY
I
3-Level
Output Disable/Bypass Mode Control.
Controls enable of CKOUT divider/output buffer path and PLL
bypass mode.
L = CKOUT enabled
M = CKOUT disabled
H = Bypass mode with CKOUT enabled
16
17
CKIN1+
CKIN1–
IMulti
Clock Input 1.
Differential input clock. This input can also be driven with a single-
ended signal.
18
LOL
O
LVCMOS
PLL Loss of Lock Indicator.
This pin functions as the active high PLL loss of lock indicator.
0=PLL locked
1 = PLL unlocked
21
CS
I
LVCMOS
Input Clock Select.
This pin functions as the input clock selector. This input is internally
deglitched to prevent inadvertent clock switching during changes in
the CKSEL input state.
0 = Select CKIN1
1 = Select CKIN2
23
22
BWSEL1
BWSEL0
I
3-Level
Bandwidth Select.
Three level inputs that select the DSPLL closed loop bandwidth.
Detailed operations and timing characteristics for these pins may be
found in the Any-Rate Precision Clock Family Reference Manual.
25
24
FRQSEL1
FRQSEL0
I
3-Level
Frequency Select.
Sets the output frequency of the device. When the frequency of
CKIN1 is not equal to CKIN2, the lower frequency input clock must
be equal to the output clock frequency.
Table 3. Si5316 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description


유사한 부품 번호 - SI5316

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si5316 SILABS-Si5316 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
SI5316-C-GM SKYWORKS-SI5316-C-GM Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5316-EVB SILABS-SI5316-EVB Datasheet
1Mb / 26P
   The Si531x/2x Any-Frequency Precision Clocks
More results

유사한 설명 - SI5316

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326 SILABS-SI5326 Datasheet
619Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com