전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5366 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 SI5366
상세설명  PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5366 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button SI5366 Datasheet HTML 4Page - Silicon Laboratories SI5366 Datasheet HTML 5Page - Silicon Laboratories SI5366 Datasheet HTML 6Page - Silicon Laboratories SI5366 Datasheet HTML 7Page - Silicon Laboratories SI5366 Datasheet HTML 8Page - Silicon Laboratories SI5366 Datasheet HTML 9Page - Silicon Laboratories SI5366 Datasheet HTML 10Page - Silicon Laboratories SI5366 Datasheet HTML 11Page - Silicon Laboratories SI5366 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Si5366
8
Preliminary Rev. 0.2
4
FRQTBL
I
3-Level
Frequency Table Select.
This pin selects SONET/SDH, datacom, or SONET/SDH to
datacom frequency translation table.
L = SONET/SDH.
M=Datacom.
H = SONET/SDH to Datacom.
This pin has a weak pull-down.
5, 6, 15, 27,
62, 63, 76,
79, 81, 84,
86, 89, 91,
94, 96, 99,
100
VDD
VDD
Supply
VDD.
The device operates from a 1.8 or 2.5 V supply. Bypass capac-
itors should be associated with the following VDD pins:
Pins
Bypass Cap
5, 6
0.1 µF
15
0.1 µF
27
0.1 µF
62, 63
0.1 µF
76, 79
1.0 µF
81, 84
0.1 µF
86, 89
0.1 µF
91, 94
0.1 µF
96, 99, 100
0.1 µF
7, 8, 14, 18,
19, 26, 28,
31, 33, 36,
38, 41, 43,
46, 64, 65
GND
GND
Supply
Ground.
This pin must be connected to system ground. Minimize the
ground path impedance for optimal performance.
9C1B
O
LVCMOS
CKIN1 Invalid Indicator.
This pin is an active high alarm output associated with CKIN1.
Once triggered, the alarm will remain high until CKIN1 is vali-
dated.
0 = No alarm on CKIN1.
1 = Alarm on CKIN1.
10
C2B
O
LVCMOS
CKIN2 Invalid Indicator.
This pin is an active high alarm output associated with CKIN2.
Once triggered, the alarm will remain high until CKIN2 is vali-
dated.
0 = No alarm on CKIN2.
1 = Alarm on CKIN2.
11
C3B
O
LVCMOS
CKIN3 Invalid Indicator.
This pin is an active high alarm output associated with CKIN3.
0 = No alarm on CKIN3.
1 = Alarm on CKIN3.
12
ALRMOUT
O
LVCMOS
Alarm Output Indicator.
This pin is an active high alarm output associated with CKIN4
or the frame sync alignment alarm.
0 = ALRMOUT not active.
1=ALRMOUT active.
Table 3. Si5366 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description


유사한 부품 번호 - SI5366

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si5366 SILABS-Si5366 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5366 SKYWORKS-SI5366 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5366-C-GQ SKYWORKS-SI5366-C-GQ Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

유사한 설명 - SI5366

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com