전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5367B-B-GQ 데이터시트(PDF) 2 Page - Silicon Laboratories

부품명 SI5367B-B-GQ
상세설명  關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5367B-B-GQ 데이터시트(HTML) 2 Page - Silicon Laboratories

  SI5367B-B-GQ Datasheet HTML 1Page - Silicon Laboratories SI5367B-B-GQ Datasheet HTML 2Page - Silicon Laboratories SI5367B-B-GQ Datasheet HTML 3Page - Silicon Laboratories SI5367B-B-GQ Datasheet HTML 4Page - Silicon Laboratories SI5367B-B-GQ Datasheet HTML 5Page - Silicon Laboratories SI5367B-B-GQ Datasheet HTML 6Page - Silicon Laboratories SI5367B-B-GQ Datasheet HTML 7Page - Silicon Laboratories SI5367B-B-GQ Datasheet HTML 8Page - Silicon Laboratories SI5367B-B-GQ Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Si5367
2
Preliminary Rev. 0.3
Table 1. Performance Specifications
(VDD = 1.8 or 2.5 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Temperature Range
TA
–40
25
85
ºC
Supply Voltage
VDD
2.25
2.5
2.75
V
1.62
1.8
1.98
V
Supply Current
IDD
fOUT = 622.08 MHz
All CKOUTs enabled
LVPECL format output
—394
435
mA
Only CKOUT1 enabled
253
284
mA
fOUT = 19.44 MHz
All CKOUTs enabled
CMOS format output
—278
321
mA
Only CKOUT1 enabled
229
261
mA
Tristate/Sleep Mode
TBD
TBD
mA
Input Clock Frequency
(CKIN1, CKIN2, CKIN3,
CKIN4)
CKF
Input frequency and clock
multiplication ratio determined
by programming device PLL
dividers. Consult Silicon Labo-
ratories configuration software
DSPLLsim or Any-Rate Preci-
sion Clock Family Reference
Manual at www.silabs.com/tim-
ing to determine PLL divider
settings for a given input fre-
quency/clock multiplication
ratio combination.
10
707.35
MHz
Output Clock Frequency
(CKOUT1, CKOUT2,
CKOUT3, CKOUT4,
CKOUT5)
CKOF
10
970
1213
945
1134
1417
MHz
Input Clocks (CKIN1, CKIN2, CKIN3, CKIN4)
Differential Voltage Swing CKNDPP
0.25
1.9
VPP
Common Mode Voltage
CKNVCM
1.8 V ±10%
0.9
1.4
V
2.5 V ±10%
1.0
1.7
V
Rise/Fall Time
CKNTRF
20–80%
11
ns
Duty Cycle
CKNDC
Whichever is less
40
60
%
50
ns
Output Clocks (CKOUT1, CKOUT2, CKOUT3, CKOUT4, CKOUT5)
Common Mode
VOCM
LVPECL
100
Ω load
line-to-line
VDD
1.42
—VDD
1.25
V
Differential Output Swing
VOD
1.1
1.9
V
Single Ended Output
Swing
VSE
0.5
0.93
V
Note: For a more comprehensive listing of device specifications, please consult the Silicon Laboratories Any-Rate Precision
Clock Family Reference Manual. This document can be downloaded from www.silabs.com/timing.


유사한 부품 번호 - SI5367B-B-GQ

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si5367 SILABS-Si5367 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5367 SKYWORKS-SI5367 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results

유사한 설명 - SI5367B-B-GQ

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com