전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU406 데이터시트(PDF) 3 Page - Power Innovations Ltd

부품명 BU406
상세설명  NPN SILICON POWER TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POINN [Power Innovations Ltd]
홈페이지  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BU406 데이터시트(HTML) 3 Page - Power Innovations Ltd

  BU406 Datasheet HTML 1Page - Power Innovations Ltd BU406 Datasheet HTML 2Page - Power Innovations Ltd BU406 Datasheet HTML 3Page - Power Innovations Ltd BU406 Datasheet HTML 4Page - Power Innovations Ltd BU406 Datasheet HTML 5Page - Power Innovations Ltd BU406 Datasheet HTML 6Page - Power Innovations Ltd BU406 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
AUGUST 1978 - REVISED MARCH 1997
BU406, BU407
NPN SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
PARAMETER MEASUREMENT INFORMATION
Figure 1. Inductive-Load Switching Test Circuit
Figure 2. Inductive-Load Switching Waveforms
Current
Probes
0
+4V
V cc = 24V
47
100
100
50
22
22
1 k
22
5.6
7.5
µµH
14.8
µµH
240
5 pF
2N5337
2N6191
TIP31
TIP31
TIP31
TIP32
TIP32
TUT
BY205
BY205
OUTPUT
V BB+
V BB-
SET
I B
INPUT
t
s
I
B(end)
µµs
64
42 µ
µs
50%
I
B
I C
V
CE
0
0
0
3 V
V
fly
t off
0.1 A
toff is the time for the collector
current IC to decrease to 0.1 A
after the collector to emitter
voltage VCE has risen 3 V into
its flyback excursion.


유사한 부품 번호 - BU406

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
BU406 MOSPEC-BU406 Datasheet
106Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
logo
Dc Components
BU406 DCCOM-BU406 Datasheet
194Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
JILIN SINO-MICROELECTRO...
BU406 JSMC-BU406 Datasheet
287Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Motorola, Inc
BU406 MOTOROLA-BU406 Datasheet
100Kb / 4P
   7 AMPERES NPN SILICON POWER TRANSISTORS 60 WATTS 150 and 200 VOLTS
logo
ON Semiconductor
BU406 ONSEMI-BU406 Datasheet
127Kb / 3P
   NPN Power Transistors
May, 2009 ??Rev. 8
More results

유사한 설명 - BU406

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com