전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU426A 데이터시트(PDF) 5 Page - Power Innovations Ltd

부품명 BU426A
상세설명  NPN SILICON POWER TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POINN [Power Innovations Ltd]
홈페이지  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BU426A 데이터시트(HTML) 5 Page - Power Innovations Ltd

  BU426A Datasheet HTML 1Page - Power Innovations Ltd BU426A Datasheet HTML 2Page - Power Innovations Ltd BU426A Datasheet HTML 3Page - Power Innovations Ltd BU426A Datasheet HTML 4Page - Power Innovations Ltd BU426A Datasheet HTML 5Page - Power Innovations Ltd BU426A Datasheet HTML 6Page - Power Innovations Ltd BU426A Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
AUGUST 1978 - REVISED MARCH 1997
BU426, BU426A
NPN SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
MAXIMUM SAFE OPERATING REGIONS
Figure 7.
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
1·0
10
100
1000
0·01
0.1
1·0
10
100
SAP741AA
BU426
BU426A
t
p =
0.2
µµs
t
p =
0.5
µµs
t
p =
1
µµs
t
p =
2
µµs
t
p =
6
µµs
t
p =
20
µµs
DC Operation


유사한 부품 번호 - BU426A

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
BU426A MOSPEC-BU426A Datasheet
103Kb / 3P
   POWER TRANSISTORS(6.0A,375-400V,113W)
logo
Transys Electronics
BU426A TRSYS-BU426A Datasheet
716Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Wing Shing Computer Com...
BU426A WINGS-BU426A Datasheet
20Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Siemens Semiconductor G...
BU426A SIEMENS-BU426A Datasheet
38Kb / 2P
   NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BU426A BOURNS-BU426A Datasheet
129Kb / 6P
   NPN SILICON POWER TRANSISTORS
More results

유사한 설명 - BU426A

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com