전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-1112B30PI-L6PTFG 데이터시트(PDF) 8 Page - Seiko Instruments Inc

부품명 S-1112B30PI-L6PTFG
상세설명  HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SII [Seiko Instruments Inc]
홈페이지  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1112B30PI-L6PTFG 데이터시트(HTML) 8 Page - Seiko Instruments Inc

Back Button S-1112B30PI-L6PTFG Datasheet HTML 4Page - Seiko Instruments Inc S-1112B30PI-L6PTFG Datasheet HTML 5Page - Seiko Instruments Inc S-1112B30PI-L6PTFG Datasheet HTML 6Page - Seiko Instruments Inc S-1112B30PI-L6PTFG Datasheet HTML 7Page - Seiko Instruments Inc S-1112B30PI-L6PTFG Datasheet HTML 8Page - Seiko Instruments Inc S-1112B30PI-L6PTFG Datasheet HTML 9Page - Seiko Instruments Inc S-1112B30PI-L6PTFG Datasheet HTML 10Page - Seiko Instruments Inc S-1112B30PI-L6PTFG Datasheet HTML 11Page - Seiko Instruments Inc S-1112B30PI-L6PTFG Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112/1122 Series
Rev.5.0_00
8
Seiko Instruments Inc.
Absolute Maximum Ratings
Table 6
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Input voltage
VIN
VSS
− 0.3 to VSS + 7
V
VON/OFF
VSS
− 0.3 to VIN + 0.3
Output voltage
VOUT
VSS
− 0.3 to VIN + 0.3
Power dissipation
SNT-6A(H)
PD
500
*1
SOT-23-5
300
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
*1. At mounted on printed circuit board
[Mounted board]
(1) Board size : 114 mm
× 76 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
600
400
0
Ambient temperature (Ta) [
°C]
SNT-6A(H)
200
Figure 4 Power Dissipation of The Package (Mounting on Printed Circuit Board)


유사한 부품 번호 - S-1112B30PI-L6PTFG

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-1112B30PI-L6PTFG SII-S-1112B30PI-L6PTFG Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

유사한 설명 - S-1112B30PI-L6PTFG

제조업체부품명데이터시트상세설명
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com