전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AA107-310 데이터시트(PDF) 4 Page - Skyworks Solutions Inc.

부품명 AA107-310
상세설명  GaAs IC 5-Bit Digital Attenuator with Serial-to-Parallel Driver 300 kHz-2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AA107-310 데이터시트(HTML) 4 Page - Skyworks Solutions Inc.

  AA107-310 Datasheet HTML 1Page - Skyworks Solutions Inc. AA107-310 Datasheet HTML 2Page - Skyworks Solutions Inc. AA107-310 Datasheet HTML 3Page - Skyworks Solutions Inc. AA107-310 Datasheet HTML 4Page - Skyworks Solutions Inc. AA107-310 Datasheet HTML 5Page - Skyworks Solutions Inc. AA107-310 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
September 11, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200203 Rev. B
DATA SHEET • AA107-310, AA107-310LF
4
Pin
Symbol
Function
1
Serial data out
Serial data output
2–4
GND
Ground
5J1
RF input/output
6–19
GND
Ground
20
J2
RF input/output
21–23
GND
Ground
24
RESET
Reset
25
LE
Latch enable
26
Serial data in
Serial data input
27
Clock In
Serial clock input
28
VSS
Low output voltage level
29
GND
Ground
30
C2
Charge pump capacitor
31
C1
Charge pump capacitor
32
VDD
Supply voltage
Dimensions in inches (mm).
0.122
(3.10 mm)
Sq.
0.020 (0.50 mm)
0.020
(0.50 mm)
0.020 (0.50 mm)
0.020
(0.50 mm)
0.013 (0.33 mm)
Surface Mount Land Pattern
5 x 5 mm QFN 32-Lead
Parameter
Symbol
Min.
Typ.
Max.
Unit
LE setup time
T1
7.5
15
ns
SDA setup time
T2
7.5
15
ns
SDA hold time
T3
510
ns
LE hold time
T4
510
ns
Clock frequency
fCLK
16
100
MHz
Clock period
T5
1/fCLK
Timing Diagram
T1
T2
T3
T4
SDA
SCK
LE
T5
Serial data (SDA) is shifted into the register on the rising edge of
the clock (SCK), least significant bit (LSB) first. The attenuator will
change states on the rising edge of the latch-enable (LE) signal,
according to the most recent 5 bits of shifted data accepted since
the previous falling edge of the LE signal.
Power-up sequence:
0. Connect ground
1. Apply VDD
2. Set all inputs (SCK, SDA, LE)
Power-down sequence should be the reverse of above.


유사한 부품 번호 - AA107-310

제조업체부품명데이터시트상세설명
logo
Alpha Industries
AA107-310 ALPHA-AA107-310 Datasheet
74Kb / 3P
   GaAs IC 5 Bit Digital Attenuator With Serial-to-Parallel Driver DC-2 GHz
More results

유사한 설명 - AA107-310

제조업체부품명데이터시트상세설명
logo
Alpha Industries
AA107-310 ALPHA-AA107-310 Datasheet
74Kb / 3P
   GaAs IC 5 Bit Digital Attenuator With Serial-to-Parallel Driver DC-2 GHz
logo
Skyworks Solutions Inc.
SKY12340-364LF SKYWORKS-SKY12340-364LF Datasheet
904Kb / 13P
   300 kHz - 2.0 GHz Five-Bit Digital Attenuator with Serial-to-Parallel Driver
logo
Alpha Industries
AA109-310 ALPHA-AA109-310 Datasheet
77Kb / 3P
   GaAs IC 5 Bit Digital Attenuator With Serial-to-Parallel Driver 0.5-2.5 GHz
logo
Skyworks Solutions Inc.
AA109-310 SKYWORKS-AA109-310 Datasheet
172Kb / 6P
   GaAs IC 5-Bit Digital Attenuator With Serial-to-Parallel Driver 0.5-2.5 GHz
AA280-25 SKYWORKS-AA280-25 Datasheet
388Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB 300 kHz-2 GHz
AA260-85 SKYWORKS-AA260-85 Datasheet
368Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
AA210-25 SKYWORKS-AA210-25 Datasheet
137Kb / 4P
   GaAs IC 4-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
AA104-73 SKYWORKS-AA104-73_06 Datasheet
366Kb / 6P
   GaAs IC 1-Bit Digital Attenuator, 32 dB 300 kHz-2.5 GHz
SKY12334-362LF SKYWORKS-SKY12334-362LF Datasheet
990Kb / 10P
   GaAs 5 Bit Digital Attenuator, 5-Bits, 0.5 dB LSB with Serial-to-Parallel Driver 0.7 - 4 GHz
AT001D6-25 SKYWORKS-AT001D6-25 Datasheet
171Kb / 4P
   GaAs IC 4-Bit Digital Attenuator 3 dB LSB 300 kHz-1 GHz
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com