전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4754A 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 1N4754A
상세설명  Glass Passivated Junction Silicon Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4754A 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4754A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4754A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4754A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4754A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4754A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FIG.1- POWER TEMPERATURE DERATING CURVE
FIG.2- TYPICAL FORWARD CHARACTERISTICS
FIG.3- EFFECT OF ZENER CURRENT
ON ZENER IMPEDANCE
FIG.5- TYPICAL LEAKAGE CURRENT
FIG.4- EFFECT OF ZENER VOLTAGE
ON ZENER IMPEDANCE
AMBIENT TEMPERATURE( C)
o
V FORWARD VOLTAGE (VOLTS)
F
,
I,
Z
ZENER CURRENT (mA)
I,
Z
ZENER CURRENT (mA)
V,
Z
NOMINAL ZENER VOLTAGE (VOLTS)
0
20
40
60
80
100
120
140
160
180
200
T = 25 C
I (rms)= 0.1 I (dc)
f = 1KHz
J
ZZ
o
47V
27V
0.8V
0.1
0.25
0.50
0.75
1.0
1.25
0.2
0.5
1.0
2.0
5.0
10
20
50
100
1.0
2.0
5.0
10
20
50
100
200
500
1000
1.0
T = 25 C
I (rms)= 0.1 I (dc)
f = 1KHz
J
ZZ
o
I = 1.0mA
Z
5.0mA
20mA
2.0
3.0
5.0 7.0 10
20
30
50 70 100
1.0
2.0
5.0
7.0
10
20
50
70
100
200
500
700
1000
TYPICAL LEAKAGE CURRENT
AT 80% OF NOMINAL
BREAKDOWN VOLTAGE
+125 C
o
+25 C
o
3.0
4.0
5.0 6.0
7.0
8.0
9.0
10
11
12
13
14
15
0.001
0.002
0.005
0.007
0.01
0.02
0.05
0.07
0.1
0.2
0.5
0.7
1.0
2.0
5.0
7.0
10
20
50
70
100
200
500
700
1000
2000
5000
7000
10000
MINIMUM
MAXIMUM
70 C
o
150 C
o
25 C
o
0C
o
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.0
2.0
5.0
10
20
50
100
200
500
1000
RATINGS AND CHARACTERISTIC CURVES (
)
1N4741A THRU 1M200Z
Version: B07


유사한 부품 번호 - 1N4754A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N4754A VISHAY-1N4754A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4754A FAIRCHILD-1N4754A Datasheet
667Kb / 5P
   Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
1N4754A SEMTECH_ELEC-1N4754A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
Continental Device Indi...
1N4754A CDIL-1N4754A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Shunye Enterprise
1N4754A SHUNYE-1N4754A Datasheet
341Kb / 3P
   ZENER DIODES
More results

유사한 설명 - 1N4754A

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com