전자부품 데이터시트 검색엔진 |
|
SM65MLVD082DGGR 데이터시트(PDF) 6 Page - Texas Instruments |
|
SM65MLVD082DGGR 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 28 page www.ti.com RECEIVER SWITCHING CHARACTERISTICS SN65MLVD080 SN65MLVD082 SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005 over recommended operating conditions unless otherwise noted PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT tpLH Propagation delay time, low-to-high-level output 2 4 6 ns tpHL Propagation delay time, high-to-low-level output 2 4 6 ns tr Output signal rise time 1 2.3 ns tf Output signal fall time CL = 15 pF, See Figure 10 1 2.3 ns tsk(o) Output skew 350 ps tsk(p) Pulse skew (|tPHL– tPLH|) 50 350 ps tsk(pp) Part-to-part skew(2) 1 ns tjit(per) Period jitter, rms (1 standard deviation) ((3)) 7 ps 100 MHz clock input(4) tjit(c-c) Cycle-to-cycle jitter, rms 110 ps Type 1 550 ps tjit(det) Deterministic jitter Type 2 480 ps 200 Mbps 215–1 PRBS input(5) Type 1 720 ps tjit(pp) Peak-to-peak jitter (3)(6) Type 2 660 ps tPZH Enable time, high-impedance-to-high-level output 30 ns tPZL Enable time, high-impedance-to-low-level output 30 ns CL = 15 pF, See Figure 11 tPHZ Disable time, high-level-to-high-impedance output 18 ns tPLZ Disable time, low-level-to-high-impedance output 28 ns (1) All typical values are at 25 °C and with a 3.3-V supply voltage. (2) tsk(pp) is the magnitude of the time difference in propagation delay times between any specified terminals of two devices when both devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits. (3) Jitter is ensured by design and characterization. Stimulus jitter has been subtracted from the numbers. (4) VID = 200 mVpp ('080), VID = 400 mVpp ('082), Vcm = 1 V, tr = tf = 0.5 ns (10% to 90%), measured over 30 k samples. (5) VID = 200 mVpp ('080), VID = 400 mVpp ('082), Vcm = 1 V, tr = tf = 0.5 ns (10% to 90%), measured over 100 k samples. (6) Peak-to-peak jitter includes jitter due to pulse skew (tsk(p)). 6 Submit Documentation Feedback |
유사한 부품 번호 - SM65MLVD082DGGR |
|
유사한 설명 - SM65MLVD082DGGR |