전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSB-0218L 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 SSB-0218L
상세설명  SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SSB-0218L 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  SSB-0218L Datasheet HTML 1Page - List of Unclassifed Manufacturers SSB-0218L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5/2/07
SINGLE-SIDEBAND
SSB-0218
DOUBLE-BALANCED MIXERS
Features
¾ LO/RF 2.0 to 18.0 GHz
¾ IF 50 to 90 MHz
¾ 7 dB Typical Conversion Loss
¾ 22 dB Typical Sideband Suppression
¾ 22 dB Typical Carrier Suppression
¾ Ultra-Broadband RF and LO
¾ IF Bands available from 30 to 500 MHz
Electrical Specifications
Parameter
LO
RF
IF
Min
Typ
Max
Diode Option
(GHz)
(GHz)
(MHz)
LO drive level (dBm)
Conversion Loss (dB)
2.0-18.0
2.0-18.0
50-90
7.0
9.0
Sideband Suppression
2.0-18.0
2.0-18.0
50-90
15
22
Carrier Suppression
(0 dBm IF input)
2.0-18.0
2.0-18.0
13
22
Input 1 dB Compression (dBm)
2.0-18.0
2.0-18.0
+5
L (+13 to +16)
+8
M (+16 to +19)
2.0-18.0
2.0-18.0
+15
L (+13 to +16)
Input Two-Tone Third Order
Intercept Point (dBm)
+18
M (+16 to +19)
Part Number Options
Please specify diode level and package style by adding to model number.
Package Style(s)
1
Example
IR0218
SSB-0218 L
1Higher LO drive levels are available. Many other IF bands are available.
Marki Microwave reserves the right to make changes to the product(s) or information contained herein without notice. Marki Microwave makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Marki Microwave assume any liability
whatsoever arising out of the use of or application of any product.
215 Vineyard Court, Morgan Hill, CA 95037 | Ph: 408.778.4200 | Fax 408.778.4300 | info@markimicrowave.com


유사한 부품 번호 - SSB-0218L

제조업체부품명데이터시트상세설명
logo
Marki Microwave
SSB-0618 MARKIMICROWAVE-SSB-0618 Datasheet
139Kb / 2P
   SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
More results

유사한 설명 - SSB-0218L

제조업체부품명데이터시트상세설명
logo
Marki Microwave
SSB-0618 MARKIMICROWAVE-SSB-0618 Datasheet
139Kb / 2P
   SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
logo
Anaren Microwave
73128 ANAREN-73128 Datasheet
170Kb / 1P
   Mixers Double Balanced
74125 ANAREN-74125 Datasheet
153Kb / 1P
   Mixers Double Balanced
logo
List of Unclassifed Man...
M1-0614 ETC2-M1-0614 Datasheet
95Kb / 2P
   DOUBLE-BALANCED MIXERS
logo
Merrimac Industries, In...
DMM-12-500 MERRIMAC-DMM-12-500 Datasheet
1Mb / 1P
   DOUBLE BALANCED MIXERS
DMM-4-250 MERRIMAC-DMM-4-250 Datasheet
216Kb / 1P
   DOUBLE BALANCED MIXERS
logo
Marki Microwave
M1-0204 MARKIMICROWAVE-M1-0204 Datasheet
175Kb / 2P
   DOUBLE-BALANCED MIXERS
M1-0220 MARKIMICROWAVE-M1-0220 Datasheet
151Kb / 2P
   DOUBLE-BALANCED MIXERS
M4-0126 MARKIMICROWAVE-M4-0126 Datasheet
198Kb / 3P
   DOUBLE-BALANCED MIXERS
M8-0326 MARKIMICROWAVE-M8-0326 Datasheet
177Kb / 2P
   DOUBLE-BALANCED MIXERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com