전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5326K019B 데이터시트(PDF) 15 Page - RICOH electronics devices division

부품명 R5326K019B
상세설명  Automatic Mode Shift 2ch 150mA LDO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICOH [RICOH electronics devices division]
홈페이지  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5326K019B 데이터시트(HTML) 15 Page - RICOH electronics devices division

Back Button R5326K019B Datasheet HTML 11Page - RICOH electronics devices division R5326K019B Datasheet HTML 12Page - RICOH electronics devices division R5326K019B Datasheet HTML 13Page - RICOH electronics devices division R5326K019B Datasheet HTML 14Page - RICOH electronics devices division R5326K019B Datasheet HTML 15Page - RICOH electronics devices division R5326K019B Datasheet HTML 16Page - RICOH electronics devices division R5326K019B Datasheet HTML 17Page - RICOH electronics devices division R5326K019B Datasheet HTML 18Page - RICOH electronics devices division R5326K019B Datasheet HTML 19Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
R5326x
15
4.0V(VR1/VR2)
4.0V(VR1/VR2)
IOUT=1mA
IOUT=10mA
IOUT=50mA
0
10
20
40
60
30
50
70
80
0.1
1
10
100
Frequency f(kHz)
VIN=5.0VDC+0.5Vp-p,
COUT=Ceramic 1.0
µF
IOUT=1mA
IOUT=10mA
IOUT=50mA
0
10
20
40
60
30
50
70
80
0.1
1
10
100
VIN=5.0VDC+0.5Vp-p,
COUT=Ceramic 2.2
µF
Frequency f(kHz)
12) Input Transient Response (IOUT
=30mA,tr=tf=5µs, CIN=none)
0.8V(VR1/VR2)
1.5V(VR1/VR2)
0.79
0.80
0.81
2
1
4
3
020
60 80
40
200
100 120 140 160 180
Time t (
µs)
Input Voltage
Output Voltage
COUT=2.2
µF
1.49
1.50
1.51
2
4
3
020
60 80
40
200
100 120 140 160 180
Time t (
µs)
COUT=1.0
µF
Input Voltage
Output Voltage
2.8V(VR1/VR2)
4.0V(VR1/VR2)
2.79
2.80
2.81
020
60 80
40
200
100 120 140 160 180
Time t (
µs)
COUT=1.0
µF
3
5
4
Input Voltage
Output Voltage
3.99
4.01
4.00
5
4
7
6
020
60 80
40
200
100 120 140 160 180
Time t (
µs)
COUT=1.0
µF
Input Voltage
Output Voltage


유사한 부품 번호 - R5326K019B

제조업체부품명데이터시트상세설명
logo
RICOH electronics devic...
R5326K015-TR RICOH-R5326K015-TR Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
More results

유사한 설명 - R5326K019B

제조업체부품명데이터시트상세설명
logo
RICOH electronics devic...
R5326X RICOH-R5326X Datasheet
703Kb / 25P
   Automatic Mode Shift Dual 150mA LDO
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5328K RICOH-R5328K Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
logo
Nisshinbo Micro Devices...
R1510S NISSHINBO-R1510S Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com