전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

R5326K019B 데이터시트(Datasheet) 28 Page - RICOH electronics devices division

부품명 R5326K019B
상세내용  Automatic Mode Shift 2ch 150mA LDO
PDF  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  RICOH [RICOH electronics devices division]
홈페이지  http://www.ricoh.com
Logo 

 28 page
background image
PACKAGE INFORMATION
PE-PLP1820-6-0611
PLP1820-6
Unit: mm
PACKAGE DIMENSIONS
A
B
1.80
0.05
0.05
× 4
INDEX
0.05 M AB
0.20
±0.1
1
3
4
6
0.5
0.3
±0.1
1.6
±0.1
0.1NOM.
Bottom View
Attention: Tabs or Tab suspension leads in the
parts have VDD or GND level.(They are
connected to the reverse side of this IC.)
Refer to PIN DISCRIPTION.
Do not connect to other wires or land patterns.
TAPING SPECIFICATION
1.5 +0.1
0
0.25
±0.1
1.1Max.
4.0
±0.1
2.0
±0.05
4.0
±0.1
2.2
1.1
±0.1
TR
User Direction of Feed
TAPING REEL DIMENSIONS
REUSE REEL (EIAJ-RRM-08Bc)
(1reel=5000pcs)
(R5323K,R5325K : 1reel=3000pcs)
2
±0.5
21
±0.8
11.4
±1.0
9.0
±0.3




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


데이터시트



관련 부품명

부품명상세내용Html View제조사
R5323X150mA 2ch LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
R5325X150mA 2ch LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
LT1762150mA Low Noise LDO Micropower Regulators 1 2 3 4 5 MoreLinear Technology
BD3951FSystem Regulator RESET Vcc-Detection and 150mA LDO 1 2 3 4 5 MoreRohm
TC1306_07Dual 150mA CMOS LDO With Select Mode™ Operation Shutdown and RESET Output 1 2 3 4 5 MoreMicrochip Technology
R1183Z150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
GM6155150mA LOW - NOISE LDO REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
KIC3210T-025CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator 1 2 3 4 5 KEC(Korea Electronics)
R1182K121BLow Voltage 150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
LTC1705Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO 1 2 3 4 5 MoreLinear Technology

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl