전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G373GM 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74AUP1G373GM
상세설명  Low-power D-type transparent latch; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G373GM 데이터시트(HTML) 4 Page - NXP Semiconductors

  74AUP1G373GM Datasheet HTML 1Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
74AUP1G373_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 20 July 2007
4 of 22
NXP Semiconductors
74AUP1G373
Low-power D-type transparent latch; 3-state
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SC-88 packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 packages: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
9.
Recommended operating conditions
10. Static characteristics
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO >VCC or VO <0V
-
±50
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
±20
mA
ICC
supply current
-
50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
-
200
ns/V
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.70
× VCC --
V
VCC = 0.9 V to 1.95 V
0.65
× VCC --
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.30
× V
CC
V
VCC = 0.9 V to 1.95 V
-
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V


유사한 부품 번호 - 74AUP1G373GM

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G373GM NXP-74AUP1G373GM Datasheet
114Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
logo
Nexperia B.V. All right...
74AUP1G373GM NEXPERIA-74AUP1G373GM Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
More results

유사한 설명 - 74AUP1G373GM

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1G373-Q100 NEXPERIA-74AUP1G373-Q100 Datasheet
728Kb / 21P
   Low-power D-type transparent latch; 3-state
logo
NXP Semiconductors
74AUP1G373 NXP-74AUP1G373 Datasheet
114Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
logo
Nexperia B.V. All right...
74AUP1G373 NEXPERIA-74AUP1G373 Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373_15 Datasheet
231Kb / 25P
   Low-power D-type transparent latch; 3-state
Rev. 6-4 July 2012
logo
ON Semiconductor
NL17SG373 ONSEMI-NL17SG373 Datasheet
119Kb / 10P
   Low-Power D-Type Transparent Latch with 3-State Output
June, 2014 ??Rev. 1
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com