전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBJ110A 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 SMBJ110A
상세설명  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMBJ110A 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SMBJ110A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMBJ110A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMBJ110A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMBJ110A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
- 604 -
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown Voltage
Stand-Off
Maximum
Maximum
Maximum
Device
Device
VBR
Test Current
Voltage
Reverse Leakage
Peak Surge
Clamping
Marking code
(Volts) (Note 1)
@IT(mA)
VWM
at Vwm
Current IPPM
Voltage at IPPM
Min
Max
(Volts)
ID (uA)
(Note 2)(Amps)
VC(Volts)
SMBJ5.0
KD
6.40
7.30
10
5.0
800.0
65
9.6
SMBJ5.0A
KE
6.40
7.00
10
5.0
800.0
68
9.2
SMBJ6.0
KF
6.67
8.15
10
6.0
800.0
55
11.4
SMBJ6.0A
KG
6.67
7.37
10
6.0
800.0
61
10.3
SMBJ6.5
KH
7.22
8.82
10
6.5
500.0
51
12.3
SMBJ6.5A
KK
7.22
7.98
10
6.5
500.0
56
11.2
SMBJ7.0
KL
7.78
9.51
10
7.0
200.0
47
13.3
SMBJ7.0A
KM
7.78
8.60
10
7.0
200.0
52
12.0
SMBJ7.5
KN
8.33
10.3
1.0
7.5
100.0
44
14.3
SMBJ7.5A
KP
8.33
9.21
1.0
7.5
100.0
48
12.9
SMBJ8.0
KQ
8.89
10.9
1.0
8.0
50.0
42
15.0
SMBJ8.0A
KR
8.89
9.83
1.0
8.0
50.0
46
13.6
SMBJ8.5
KS
9.44
11.5
1.0
8.5
20.0
39
15.9
SMBJ8.5A
KT
9.44
10.4
1.0
8.5
20.0
43
14.4
SMBJ9.0
KU
10.0
12.2
1.0
9.0
10.0
37
16.9
SMBJ9.0A
KV
10.0
11.1
1.0
9.0
10.0
40
15.4
SMBJ10
KW
11.1
13.6
1.0
10
5.0
33
18.8
SMBJ10A
KX
11.1
12.3
1.0
10
5.0
37
17.0
SMBJ11
KY
12.2
14.9
1.0
11
5.0
31
20.1
SMBJ11A
KZ
12.2
13.5
1.0
11
5.0
34
18.2
SMBJ12
LD
13.3
16.3
1.0
12
5.0
28
22.0
SMBJ12A
LE
13.3
14.7
1.0
12
5.0
31
19.9
SMBJ13
LF
14.4
17.6
1.0
13
5.0
26
23.8
SMBJ13A
LG
14.4
15.9
1.0
13
5.0
29
21.5
SMBJ14
LH
15.6
19.1
1.0
14
5.0
24.4
25.8
SMBJ14A
LK
15.6
17.2
1.0
14
5.0
27
23.2
SMBJ15
LL
16.7
20.4
1.0
15
5.0
23.1
26.9
SMBJ15A
LM
16.7
18.5
1.0
15
5.0
25.1
24.4
SMBJ16
LN
17.8
21.8
1.0
16
5.0
21.8
28.8
SMBJ16A
LP
17.8
19.7
1.0
16
5.0
24.2
26.0
SMBJ17
LQ
18.9
23.1
1.0
17
5.0
20.0
30.5
SMBJ17A
LR
18.9
20.9
1.0
17
5.0
22.8
27.6
SMBJ18
LS
20.0
24.4
1.0
18
5.0
19.5
32.2
SMBJ18A
LT
20.0
22.1
1.0
18
5.0
21.5
29.2
SMBJ20
LU
22.2
27.1
1.0
20
5.0
17.6
35.8
SMBJ20A
LV
22.2
24.5
1.0
20
5.0
19.4
32.4
SMBJ22
LW
24.4
29.8
1.0
22
5.0
15.0
39.4
SMBJ22A
LX
24.4
26.9
1.0
22
5.0
17.7
35.5
SMBJ24
LY
26.7
32.6
1.0
24
5.0
14.6
43.0
SMBJ24A
LZ
26.7
29.5
1.0
24
5.0
16.0
38.9
SMBJ26
MD
28.9
35.3
1.0
26
5.0
13.5
46.6
SMBJ26A
ME
28.9
31.9
1.0
26
5.0
14.9
42.1
SMBJ28
MF
31.1
38.0
1.0
28
5.0
12.6
50.0
SMBJ28A
MG
31.1
34.4
1.0
28
5.0
13.8
45.4
SMBJ30
MH
33.3
40.7
1.0
30
5.0
11.7
53.5
SMBJ30A
MK
33.3
36.8
1.0
30
5.0
13.0
48.4
SMBJ33
ML
36.7
44.9
1.0
33
5.0
10.6
59.0
SMBJ33A
MM
36.7
40.6
1.0
33
5.0
11.8
53.3
SMBJ36
MN
40.0
48.9
1.0
36
5.0
9.8
64.3
SMBJ36A
MP
40.0
44.2
1.0
36
5.0
10.8
58.1
SMBJ40
MQ
44.4
54.3
1.0
40
5.0
8.8
71.4
SMBJ40A
MR
44.4
49.1
1.0
40
5.0
9.7
64.5
SMBJ43
MS
47.8
58.4
1.0
43
5.0
8.2
76.7
SMBJ43A
MT
47.8
52.8
1.0
43
5.0
9.0
69.4
SMBJ45
MU
50.0
61.1
1.0
45
5.0
7.8
80.3
SMBJ45A
MV
50.0
55.3
1.0
45
5.0
8.6
72.7
SMBJ48
MW
53.3
65.1
1.0
48
5.0
7.3
85.5
SMBJ48A
MX
53.3
58.9
1.0
48
5.0
8.1
77.4
SMBJ51
MY
56.7
69.3
1.0
51
5.0
6.9
91.1
SMBJ51A
MZ
56.7
62.7
1.0
51
5.0
7.6
82.4
SMBJ54
ND
60.0
73.3
1.0
54
5.0
6.5
96.3
SMBJ54A
NE
60.0
66.3
1.0
54
5.0
7.2
87.1
SMBJ58
NF
64.4
78.7
1.0
58
5.0
6.1
103
SMBJ58A
NG
64.4
71.2
1.0
58
5.0
6.7
93.6
SMBJ60
NH
66.7
81.5
1.0
60
5.0
5.8
107
SMBJ60A
NK
66.7
73.7
1.0
60
5.0
6.5
96.8
SMBJ64
NL
71.1
86.9
1.0
64
5.0
5.5
114
SMBJ64A
NM
71.1
78.6
1.0
64
5.0
6.1
103
SMBJ70
NN
77.8
95.1
1.0
70
5.0
5.0
125
SMBJ70A
NP
77.8
86.0
1.0
70
5.0
5.5
113
SMBJ75
NQ
83.3
102
1.0
75
5.0
4.7
134
SMBJ75A
NR
83.3
92.1
1.0
75
5.0
5.2
121
SMBJ78
NS
86.7
106
1.0
78
5.0
4.5
139
SMBJ78A
NT
86.7
95.8
1.0
78
5.0
5.0
126
SMBJ85
NU
94.4
115
1.0
85
5.0
4.1
151
SMBJ85A
NV
94.4
104
1.0
85
5.0
4.6
137
SMBJ90
NW
100
122
1.0
90
5.0
3.9
160
SMBJ90A
NX
100
111
1.0
90
5.0
4.3
146
SMBJ100
NY
111
136
1.0
100
5.0
3.5
179
SMBJ100A
NZ
111
123
1.0
100
5.0
3.8
162
SMBJ110
PD
122
149
1.0
110
5.0
3.2
196
SMBJ110A
PE
122
135
1.0
110
5.0
3.5
177
SMBJ120
PF
133
163
1.0
120
5.0
2.9
214
SMBJ120A
PG
133
147
1.0
120
5.0
3.2
193
SMBJ130
PH
144
176
1.0
130
5.0
2.7
231
SMBJ130A
PK
144
159
1.0
130
5.0
3.0
209
SMBJ150
PL
167
204
1.0
150
5.0
2.3
268
SMBJ150A
PM
167
185
1.0
150
5.0
2.5
243
SMBJ160
PN
178
218
1.0
160
5.0
2.2
287
SMBJ160A
PP
178
197
1.0
160
5.0
2.4
259
SMBJ170
PQ
189
231
1.0
170
5.0
2.0
304
SMBJ170A
PR
189
209
1.0
170
5.0
2.2
275
Note:
1. VBR measured after IT applied for 300us, IT=square wave pulse or equivatent.
2. Surge current waveform per Figure 3 and derate per Figure 2.
3. All terms and symbols are consistant with ANSI/IEEE C62.35.
4. For bidirectional use C or CA suffix for types SMBJ5.0 thorugh types SMBJ170.
5. For bipolar types having VWM of 10 volts(SMBJ8.0C) and under the ID limit is doubled.
Notes:


유사한 부품 번호 - SMBJ110A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMBJ110A MCC-SMBJ110A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Galaxy Semi-Conductor H...
SMBJ110A BILIN-SMBJ110A Datasheet
837Kb / 7P
   Transient Voltage Suppressor
logo
Jinan Gude Electronic D...
SMBJ110A JGD-SMBJ110A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
SMBJ110A DIGITRON-SMBJ110A Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
Formosa MS
SMBJ110A FORMOSA-SMBJ110A Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
More results

유사한 설명 - SMBJ110A

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com