전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS29150CM 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 TS29150CM
상세설명  1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29150CM 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS29150CM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29150CM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29150CM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29150CM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29150CM Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS29150
3-3
2003/12 rev. C
Application Information
Application Information
The TS29150 series are high performance with low
dropout voltage regulator suitable for moderate to high
current
and
voltage
regulator
application.
Its
350mA(typ) dropout voltage at full load and over
temperature makes it especially valuable in battery
power systems and as high efficiency noise filters in
post regulator applications. Unlike normal NPN
transistor design, where the base to emitter voltage
drop and collector to emitter saturation voltage limit the
minimum dropout voltage, dropout performance of the
PNP output of these devices is limited only by low Vce
saturation voltage.
The TS29150 series is fully protected from damage due
to fault conditions. Linear current limiting is provided.
Output current during overload conditions is constant.
Thermal shutdown the device when the die temperature
exceeds the maximum safe operating temperature.
Transient protection allows device survival even when
the input voltage spikes above and below nominal. The
output structure of these regulators allows voltages in
excess of the desired output voltage to be applied
without reverse current flow.
Typical Application Circuit
Capacitor Requirement
The TS29150 series requires an output capacitor to
maintain stability and improve transient response is
necessary. The value of this capacitor is dependent
upon the output current, lower currents allow smaller
capacitors. TS29150 series regulators are stable with
the 10uF minimum capacitor value at full load. Where
the regulator is powered from a source with high AC
impedance, a 0.1uF capacitor connected between input
and ground is recommended. The capacitor should
have good characteristics to above 250KHz. The
capacitance values will be improved transient response,
ripple rejection and output noise.
Minimum Load Current
The TS29150 series is specified between finite loads.
If the output current is too small leakage currents
dominate and the output voltage rises. A 10mA
minimum load current swamps any expected leakage
current across the operating temperature range.
Thermal Characteristics
TS29150 series linear regulators are simple to use, the
most complicated design parameters to consider are
thermal characteristics, thermal design requires the
following application specification parameters:
Maximum ambient temperature, Ta
Output current, Iout
Output voltage, Vout
Input voltage, Vin
We calculate the power dissipation of the regulator
from these numbers and the device parameters from
this data sheet. A heatsink may be required depending
on the maximum power dissipation and maximum
ambient temperature of the application. Under all
possible operating conditions, the junction temperature
must be within the range specified under absolute
maximum ratings. To determine if the heatsink is
required, the power dissipated by the regulator, PD
must be calculated.
The below formula shows the voltages and currents for
calculating the PD in the regulator:
Iin = IL / IG
PD = (Vin-Vout) * IL + (Vin) * IG
Ex. PD = (3.3V-2.5V) * 1.5A + 3.3V * 11mA
= 1200mW + 36mW
= 1236mW
Remark: IL is output load current,
IG is ground current.
Vin is input voltage
Vout is output voltage
The next parameter which must be calculated is the
maximum allowable temperature rise, TR(max). this is
calculated by the using to formula:
TR(max) = TJ(max) – TA(max)
Where: TJ(max) is the maximum allowable junction
temperature, which is 125
oC for commercial
grade parts.
TA(max)
is
the
maximum
ambient
temperature which will be encountered in the
application.


유사한 부품 번호 - TS29150CM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TS29150CM ETC1-TS29150CM Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29150CM TSC-TS29150CM Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

유사한 설명 - TS29150CM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
International Rectifier
IRU1015-33CD IRF-IRU1015-33CD Datasheet
58Kb / 8P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1015-33 IRF-IRU1015-33 Datasheet
85Kb / 4P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Anachip Corp
AP033 ANACHIP-AP033 Datasheet
137Kb / 5P
   1.5A Low Dropout Positive Fixed-Mode Regulator
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1186 A-POWER-APE1186 Datasheet
478Kb / 9P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com