전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74221NE4 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74221NE4
상세설명  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74221NE4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74221NE4 Datasheet HTML 5Page - Texas Instruments SN74221NE4 Datasheet HTML 6Page - Texas Instruments SN74221NE4 Datasheet HTML 7Page - Texas Instruments SN74221NE4 Datasheet HTML 8Page - Texas Instruments SN74221NE4 Datasheet HTML 9Page - Texas Instruments SN74221NE4 Datasheet HTML 10Page - Texas Instruments SN74221NE4 Datasheet HTML 11Page - Texas Instruments SN74221NE4 Datasheet HTML 12Page - Texas Instruments SN74221NE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
SN54221, SN54LS221, SN74221, SN74LS221
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SDLS213B − DECEMBER 1983 − REVISED NOVEMBER 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics VCC = 5 V, RL = 2 kΩ, TA = 25_C (see Figures 1 and 2)
PARAMETER
FROM
TO
TEST CONDITIONS
SN54LS221
SN74LS221
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tPLH
A
Q
45
70
45
70
tPLH
B
Q
Cext = 80 pF,
Rext = 2 kΩ
35
55
35
55
ns
tPHL
A
Q
Cext = 80 pF,
Rext = 2 kΩ
50
80
50
80
ns
tPHL
B
Q
40
65
40
65
tPHL
CLR
Q
Cext = 80 pF,
Rext = 2 kΩ
35
55
35
55
ns
tPLH
CLR
Q
Cext = 80 pF,
Rext = 2 kΩ
44
65
44
65
ns
Cext = 80 pF,
Rext = 2 kΩ
70
120
150
70
120
150
tw
A or B
Q or Q
Cext = 0,
Rext = 2 kΩ
20
47
70
20
47
70
ns
tw
A or B
Q or Q
Cext = 100 pF, Rext = 10 kΩ
670
740
810
670
740
810
ns
Cext = 1 µF,
Rext = 10 kΩ
6*
6.9
7.5*
6
6.9
7.5
ms
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.


유사한 부품 번호 - SN74221NE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74221NE4 TI-SN74221NE4 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74221NE4 TI1-SN74221NE4 Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUT
SN74221NE4 TI-SN74221NE4 Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

유사한 설명 - SN74221NE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_07 Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54121 TI-SN54121 Datasheet
670Kb / 15P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121_07 Datasheet
737Kb / 18P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com