전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC250R 데이터시트(PDF) 5 Page - Tyco Electronics

부품명 FC250R
상세설명  Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

FC250R 데이터시트(HTML) 5 Page - Tyco Electronics

  FC250R Datasheet HTML 1Page - Tyco Electronics FC250R Datasheet HTML 2Page - Tyco Electronics FC250R Datasheet HTML 3Page - Tyco Electronics FC250R Datasheet HTML 4Page - Tyco Electronics FC250R Datasheet HTML 5Page - Tyco Electronics FC250R Datasheet HTML 6Page - Tyco Electronics FC250R Datasheet HTML 7Page - Tyco Electronics FC250R Datasheet HTML 8Page - Tyco Electronics FC250R Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Tyco Electronics Corp.
5
Data Sheet
May 1999
dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
FC250R Power Module:
Characteristic Curves
The following figures provide typical characteristics for the power module.
8-2175 (C)
Figure 1. Typical FC250R Input Characteristics at
Room Temperature, IO = Full Load
8-2176 (C)
Figure 2. Typical FC250R Output Characteristics at
Room Temperature
8-1667 (C)
Figure 3. Typical FC250R Efficiency vs. Output
Current at Room Temperature
8-1668 (C)
Figure 4. Typical FC250R Output Ripple Voltage at
Room Temperature and 9 A Output
5
10
15
25
20
30
0
12
INPUT VOLTAGE, VI (V)
8
6
10
35
16
40
0
14
4
2
IO = 0.89 A
IO = 8.93 A
18
IO = 4.47 A
24
68
10
0
15
OUTPUT CURRENT, IO (A)
10
20
14
0
5
12
25
30
VI = 18 V
VI = 28 V
VI = 36 V
87
83
1
2
3
5
4
6
80
86
OUTPUT CURRENT, IO (A)
84
85
82
81
78
0
88
VI = 36 V
VI = 24 V
VI = 18 V
TIME, t (500 ns/div)
VI = 24 V
VI = 18 V
VI = 36 V


유사한 부품 번호 - FC250R

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
   Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
More results

유사한 설명 - FC250R

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
   Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
logo
Lineage Power Corporati...
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Wall Industries,Inc.
LANC2412DW12 WALL-LANC2412DW12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.5A
LANC2412W12 WALL-LANC2412W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 12 VDC Output at 1.0A
LANC2415DW8 WALL-LANC2415DW8 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹15 VDC Output at 짹0.267A
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
LANC2415W12 WALL-LANC2415W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 15 VDC Output at 0.8A
LANC2405DW12 WALL-LANC2405DW12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹5.0 VDC Output at 짹1.2A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com