전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5314-HB 데이터시트(PDF) 1 Page - AUK corp

부품명 SI5314-HB
상세설명  IRED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

SI5314-HB 데이터시트(HTML) 1 Page - AUK corp

  SI5314-HB Datasheet HTML 1Page - AUK corp SI5314-HB Datasheet HTML 2Page - AUK corp SI5314-HB Datasheet HTML 3Page - AUK corp SI5314-HB Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-O2R001-000
1
SI5314-H / SI5314-H(B)
IRED
Features
Colorless transparency lens type
• φ5mm(T-13/4) all plastic mold type
• Low power consumption
High radiant intensity
Applications
• Infrared remote control and free air transmission systems with low forward voltage and
comfortable radiation angle requirements in combination with PIN photodiodes or phototransistors.
Outline Dimensions
unit : mm
STRAIGHT
TYPE
STOPPER
TYPE : (B)
1
2
1
2
1.00 Min.
4.80~5.20
8.50~8.90
26.0 MIN
2.54 Typ.
5.60~6.00
0.05 Typ.
4.80~5.20
8.50~8.90
0.05 Typ.
2.90~3.90
26.0 Min.
5.60~6.00
0.60 Max.
1.20 Min.
0.60 Max.
2.54 Typ.
1.00 Max.
1.00 Max.
1.00 Min.
PIN Connections
1. Anode
2. Cathode
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r


유사한 부품 번호 - SI5314-HB

제조업체부품명데이터시트상세설명
logo
AUK corp
SI5314-HB AUK-SI5314-HB Datasheet
66Kb / 3P
   IRED
More results

유사한 설명 - SI5314-HB

제조업체부품명데이터시트상세설명
logo
AUK corp
SI5315-H AUK-SI5315-H_1 Datasheet
180Kb / 4P
   IRED
SI3317-H AUK-SI3317-H Datasheet
171Kb / 4P
   IRED
SI5313-C AUK-SI5313-C Datasheet
80Kb / 3P
   IRED
SI5313-H AUK-SI5313-H Datasheet
64Kb / 3P
   IRED
SI5314-H AUK-SI5314-H Datasheet
66Kb / 3P
   IRED
SI5313-C AUK-SI5313-C_1 Datasheet
182Kb / 4P
   IRED
SI5313-H AUK-SI5313-H_1 Datasheet
178Kb / 4P
   IRED
SI5412-H AUK-SI5412-H Datasheet
208Kb / 4P
   IRED
SI5312-H AUK-SI5312-H Datasheet
73Kb / 3P
   IRED
SI5315-C AUK-SI5315-C_1 Datasheet
183Kb / 4P
   IRED
SI5315-C AUK-SI5315-C Datasheet
83Kb / 3P
   IRED
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com