전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSL14S 데이터시트(PDF) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

부품명 TSL14S
상세설명  LIGHT-TO-VOLTAGE CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
홈페이지  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL14S 데이터시트(HTML) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL14S Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TSL12S, TSL13S, TSL14S
LIGHT-TO-VOLTAGE CONVERTERS
TAOS051E − SEPTEMBER 2007
7
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
TYPICAL CHARACTERISTICS
TSL14S
Figure 12
RISING EDGE DYNAMIC CHARACTERISTICS
vs.
PEAK OUTPUT VOLTAGE
VO − Peak Output Voltage − V
0.5
1
1.5
2
2.5
3
3.5
4
0
0
1
2
3
4
5
tr
tdr
Min VO = 0 V
Figure 13
RISING EDGE DYNAMIC CHARACTERISTICS
vs.
PEAK OUTPUT VOLTAGE
VO − Peak Output Voltage − V
0.5
1
1.5
2
2.5
3
3.5
4
0
0
1
2
3
4
5
tr
tdr
Min VO = 0.5 V
Figure 14
FALLING EDGE DYNAMIC CHARACTERISTICS
vs.
PEAK OUTPUT VOLTAGE
VO − Peak Output Voltage − V
0.5
1
1.5
2
2.5
3
3.5
4
0
0
2
4
6
8
10
tf
tdf
Min VO = 0 V
Figure 15
FALLING EDGE DYNAMIC CHARACTERISTICS
vs.
PEAK OUTPUT VOLTAGE
VO − Peak Output Voltage − V
0.5
1
1.5
2
2.5
3
3.5
4
0
0
2
4
6
8
10
tf
tdf
Min VO = 0.5 V


유사한 부품 번호 - TSL14S

제조업체부품명데이터시트상세설명
logo
ams AG
TSL14S AMSCO-TSL14S Datasheet
626Kb / 13P
   LIGHT-TO-VOLTAGE CONVERTERS
TSL14S AMSCO-TSL14S Datasheet
792Kb / 13P
   LIGHT-TO-VOLTAGE CONVERTERS
More results

유사한 설명 - TSL14S

제조업체부품명데이터시트상세설명
logo
ams AG
TSL12T AMSCO-TSL12T Datasheet
651Kb / 15P
   LIGHT-TO-VOLTAGE CONVERTERS
TSL12S AMSCO-TSL12S Datasheet
626Kb / 13P
   LIGHT-TO-VOLTAGE CONVERTERS
TSL13FN AMSCO-TSL13FN Datasheet
586Kb / 19P
   Light-to-Voltage Converters
logo
TEXAS ADVANCED OPTOELEC...
TSL12T TAOS-TSL12T Datasheet
214Kb / 14P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
ams AG
TSL14 AMSCO-TSL14 Datasheet
792Kb / 13P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
List of Unclassifed Man...
TSLB257 ETC-TSLB257 Datasheet
101Kb / 8P
   HIGHSENSITIVITY COLOR LIGHTTOVOLTAGE CONVERTERS
logo
ams AG
TSL230RD AMSCO-TSL230RD Datasheet
636Kb / 15P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
List of Unclassifed Man...
TSL230RD ETC1-TSL230RD Datasheet
111Kb / 10P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R ETC1-TSL230R Datasheet
103Kb / 8P
   PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL230RD TAOS-TSL230RD Datasheet
200Kb / 14P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com